Electronic Components Datasheet Search
  English  ▼

X  

BX3002 Datasheet(PDF) 1 Page - API Technologies Corp

Part # BX3002
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

BX3002 Datasheet(HTML) 1 Page - API Technologies Corp

  BX3002 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point ....... +52 dBm (Typ.)
Second Order Two Tone Intercept Point ........ +46 dBm (Typ.)
Third Order Two Tone Intercept Point ............ +37 dBm (Typ.)
Power
Vdc
+15
+15
m A
150
160 Max.
RF AMPLIFIER
MODEL
TM3002
Available as:
TM3002, 4 Pin TO-8 (T4)
TN3002, 4 Pin Surface Mount (SM3)
FP3002, 4 Pin Flatpack (FP4)
BX3002, Connectorized Housing (H1)
Features
!
!
!
!
! High Output Power: +26 dBm Typical
!
!
!
!
! High Third Order Intercept: +37 dBm Typical
!
!
!
!
! Operating Temp. -55 ºC to + 85 ºC
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
1400 - 2400 MHz
1400 - 2400 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
<4.0
6.0 Max.
VSWR
In
<2.25:1
2.75:1 Max.
Out
<1.50:1
2.0:1 Max.
Reverse
Isolation (dB)
-18
-16 Max.
Power @ 1 dB
Comp. (dBm)
+26
+25 Min.
Gain (dB)
12
10.5 Min.
Specifications
Typical Performance Data
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +18 Volts
Continuous RF Input Power .................................. +18 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Rev.
9/10/09
3.0
2.0
1.0
2.0
1.5
1.0
2
6
4
14
12
10
29
28
27
26
25
0
- 10
- 20
- 30
- 40
Stop 2400 MHz
Stop 2400 MHz
Stop 2400 MHz
Stop 2400 MHz
Stop 2400 MHz
Stop 2400 MHz
11
13
3
5
Start 1400 MHz
Start 1400 MHz
Start 1400 MHz
Start 1400 MHz
Start 1400 MHz
Start 1400 MHz
Gain (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Reverse Isolation (dB)
======================================================================================
1400
1500
1600
1700
1800
1900
2000
2100
2200
2300
2400
.27
.26
.24
.22
.18
.14
.10
.06
.10
.19
.29
179
174
168
162
154
146
132
82
-4
-36
-56
3.96
4.03
4.05
4.14
4.18
4.27
4.28
4.17
4.12
4.11
3.98
82
73
64
54
45
34
22
10
0
-13
-26
.11
.10
.11
.11
.10
.11
.11
.10
.10
.10
.10
-44
-47
-51
-55
-56
-62
-68
-73
-78
-84
-87
.16
.15
.13
.13
.12
.12
.13
.14
.13
.12
.12
45
31
15
-8
-31
-50
-79
-106
-128
-143
-144
Linear S-Parameters
MHz
Freq.
Mag Deg
Mag Deg
Mag Deg
Mag Deg
----S11----
----S21----
----S12----
----S22----
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - BX3002

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BX3001 APITECH-BX3001 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
BX3003 APITECH-BX3003 Datasheet
39Kb / 1P
RF AMPLIFIER MODEL
BX3004 APITECH-BX3004 Datasheet
71Kb / 1P
RF AMPLIFIER MODEL
BX3005 APITECH-BX3005 Datasheet
70Kb / 1P
RF AMPLIFIER MODEL
BX3006 APITECH-BX3006 Datasheet
36Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - BX3002

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com