Electronic Components Datasheet Search
  English  ▼

X  

FPL9011 Datasheet(PDF) 1 Page - API Technologies Corp

Part # FPL9011
Description  RF LIMITER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

FPL9011 Datasheet(HTML) 1 Page - API Technologies Corp

  FPL9011 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bias Power
Vdc
mA
RF LIMITER
MODEL
TL9011
Available as:
TL9011, 4 Pin TO-8 (T4)
TNL9011, 4 Pin Surface Mount (SM3)
FPL9011, 4 Pin Flatpack (FP4)
BXL9011, Connectorized Housing (H1)
Features
n
n
n
n
n Voltage Variable Limiting Level
n
n
n
n
n Good Even Order Harmonic Suppresion
n
n
n
n
n Low Insertion Loss
n
n
n
n
n Low VSWR
n
n
n
n
n Operating Temp. -55 ºC to + 85 ºC
CHARACTERISTIC
TYPICAL
MIN/MAX
Note: Care should always be taken to effectively ground the case of each unit.
Max Input Level (dBm)
VSWR
In
Out
Specifications
Typical Performance Data
Maximum (No Damage) Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 25 Volts
Continuous RF Input Power .................................. + 13dBm
Short Term RF Input Power .... 400 Milliwatts (1 Minute Max.)
Maximum Peak Power ................... 1.0 Watt (3 msec Max.)
Revision 8/8/2013
Max. Output Limiting Level
@ +20 dBm (100 MHz)
V= +20
V= +15
V= +10
V= +5
Output Level at Limiting
Threshold (1 dB comp.)
V= +20
V= +15
V= +10
V= +5
Insertion Loss Power
Input= -20 dBm V=+15
Frequency
5 - 500 MHz
5 - 500 MHz
2.0
3.0
+2.0
+1.0
-2.0
-7.0
+3.0
+2.0
0.0
---
1.7:1
1.7:1
2.0:1
2.0:1
+26
+15
7
+20
10
-.5
-1.5
-4.0
-11.0
1.0
0.0
-2.5
-9.0
LEGEND:
__________+5 Vdc
__ __ __ __+10 Vdc
_ _ _ _ _ _+15 Vdc
-----------------+20 Vdc
-
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
+10
0
-10
-20
-30
0
-10
-20
10
20
25
LIMITING CHARACTERISTICS (1000 MHz)
MAXIMUM OUTPUT vs FREQ
4
2
0
-2
-4
-6
INSERTION LOSS
1
2
3
4
2
0
-2
-4
-6
-8
-10
-12
5
10
100
600
MAXIMUM LIMITING LEVEL
2.0
1.5
1.0
INPUT VSWR vs FREQUENCY
1.8
1.6
1.4
1.2
OUTPUT VSWR vs FREQUENCY
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
1
5
10
100
600
0
2
4
6
8
10 12
14
16 18 20
-8
-10
5
10
100
500
5
10
100
600
Freq=100MHz
INPUT POWER - dBm


Similar Part No. - FPL9011

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FPL9010 APITECH-FPL9010 Datasheet
86Kb / 1P
RF LIMITER MODEL
More results

Similar Description - FPL9011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL9011 ETC-TL9011 Datasheet
99Kb / 1P
RF LIMITER
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TL9010 APITECH-TL9010 Datasheet
86Kb / 1P
RF LIMITER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com