Electronic Components Datasheet Search
  English  ▼

X  

TNG9030 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TNG9030
Description  RF ATTENUATOR MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TNG9030 Datasheet(HTML) 1 Page - API Technologies Corp

  TNG9030 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency (MHz)
100 - 2000 MHz
300 - 2000 MHz
Insertion Loss (dB) (Vc=15v)
100-500 MHz
2.2
4.0 Max.
500-1000 MHz
1.8
3.0 Max.
1000-2000 MHz
2.0
2.5 Max.
Max Attenuation (dB)
100-500 MHz
45
40 Min.
500-1000 MHz
40
35 Min.
1000-2000 MHz
30
20 Min.
InputVSWR
100-300 MHz
2.0:1
3.0:1 Max
300-2000 MHz
2.5:1
3.0:1 Max.
OutputVSWR
100-300 MHz
2.00:1
3.0:1 Max.
300-2000 MHz
1.75:1
2.0:1 Max.
Flatness over Freq. (dB)
5-500 MHz
±0.5
±3.0 Max.
5-1000 MHz
±1
±2.0 Max.
Bias Power
Vdc
+15 volts
+15 volts
mA
8 mA
10 mA Max.
Control Power
Vdc
0 to +15 volts
0 to +15 volts
mA
0 to 6.5 mA
0 to 10 mA Max.
Switching Speed (nsec)
200
400 Max.
10% to 90%
Typical Performance Data
RF ATTENUATOR
MODEL
TG9030
Features
 100 MHz to 2000 MHz Typical
 35 dB Attenuation Range to 1000 MHz
 Operating Temp. - 55 ºC to + 85 ºC
 Screening to the tables of MIL-STD-883 available
Note: Care should always be taken to effectively ground the case of each unit.
Specifications
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power ................................. + 20 dBm
Short Term RF Input Powe .... 200 Milliwatts (1 Minute Max.)
Maximum Peak Power ...................... 1 Watt (3
μsec Max.)
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Available as:
TG9030, 5 Pin TO-8 (T5)
TNG9030, 4 Pin .450” Sq. Surface Mount (SM3)
BXG9030, Connectorized Housing (H6)
Revision 6/5/2012
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
40
60
50
25
70
75
0
5
10
15
20
25
30
35
40
0
2.0
4.0
6.0
1.0
2.0
3.0
1.0
2.0
3.0
+140
+120
+100
+ 80
+ 60
+ 40
+ 20
0
- 20
- 40
- 60
V = +15 V
V = +4.3 V
c
V = +2.7 V
c
V = +2.3 V
c
c
V = 0 V
c
V = +15 V
c
V = +2.6 V
c
V = 0 V
c
V = +15 V
c
V = 0V
c
V = +2.3 V
c
+2.5 V
+2.7 V
+4.3 V
V = +15 V
c
0
30
65
55
45
35
2nd Harmonic
3rd Harmonic
IP3
IP2
Start 100 MHz
Stop 2000 MHz
Start 100 MHz
Stop 2000 MHz
10
50
Start 100 MHz
Stop 2000 MHz
Start 100 MHz
Stop 2000 MHz
40
30
20
Start 100 MHz
Stop 2000 MHz
Input VSWR
Output VSWR
Phase (Degrees) vs. Frequency
Distortion Products (dBc) vs. Attenuation @ 500 MHz
Insertion Loss (dB) @ Vcontrol = +15 Volts
Attenuation (dB) vs.Frequency vs. Control Voltage (volts)
Attenuation (dB)


Similar Part No. - TNG9030

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TNG9001 APITECH-TNG9001 Datasheet
203Kb / 1P
RF ATTENUATOR MODEL
More results

Similar Description - TNG9030

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TG9015 APITECH-TG9015 Datasheet
235Kb / 1P
RF ATTENUATOR MODEL
TG9001 APITECH-TG9001 Datasheet
203Kb / 1P
RF ATTENUATOR MODEL
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com