Electronic Components Datasheet Search
  English  ▼

X  

AT27C1024-70PC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT27C1024-70PC
Description  1-Megabit 64K x 16 OTP EPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C1024-70PC Datasheet(HTML) 9 Page - ATMEL Corporation

  AT27C1024-70PC Datasheet HTML 1Page - ATMEL Corporation AT27C1024-70PC Datasheet HTML 2Page - ATMEL Corporation AT27C1024-70PC Datasheet HTML 3Page - ATMEL Corporation AT27C1024-70PC Datasheet HTML 4Page - ATMEL Corporation AT27C1024-70PC Datasheet HTML 5Page - ATMEL Corporation AT27C1024-70PC Datasheet HTML 6Page - ATMEL Corporation AT27C1024-70PC Datasheet HTML 7Page - ATMEL Corporation AT27C1024-70PC Datasheet HTML 8Page - ATMEL Corporation AT27C1024-70PC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
AT27C1024
9
Ordering Information
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
45
30
0.1
AT27C1024-45JC
AT27C1024-45PC
AT27C1024-45VC
44J
40P6
40V
Commercial
(0
°C to 70°C)
30
0.1
AT27C1024-45JI
AT27C1024-45PI
AT27C1024-45VI
44J
40P6
40V
Industrial
(-40
°C to 85°C)
55
30
0.1
AT27C1024-55JC
AT27C1024-55PC
AT27C1024-55VC
44J
40P6
40V
Commercial
(0
°C to 70°C)
30
0.1
AT27C1024-55JI
AT27C1024-55PI
AT27C1024-55VI
44J
40P6
40V
Industrial
(-40
°C to 85°C)
70
30
0.1
AT27C1024-70JC
AT27C1024-70PC
AT27C1024-70VC
44J
40P6
40V
Commercial
(0
°C to 70°C)
30
0.1
AT27C1024-70JI
AT27C1024-70PI
AT27C1024-70VI
44J
40P6
40V
Industrial
(-40
°C to 85°C)
90
30
0.1
AT27C1024-90JC
AT27C1024-90PC
AT27C1024-90VC
44J
40P6
40V
Commercial
(0
°C to 70°C)
30
0.1
AT27C1024-90JI
AT27C1024-90PI
AT27C1024-90VI
44J
40P6
40V
Industrial
(-40
°C to 85°C)
120
30
0.1
AT27C1024-12JC
AT27C1024-12PC
AT27C1024-12VC
44J
40P6
40V
Commercial
(0
°C to 70°C)
30
0.1
AT27C1024-12JI
AT27C1024-12PI
AT27C1024-12VI
44J
40P6
40V
Industrial
(-40
°C to 85°C)
150
30
0.1
AT27C1024-15JC
AT27C1024-15PC
AT27C1024-15VC
44J
40P6
40V
Commercial
(0
°C to 70°C)
30
0.1
AT27C1024-15JI
AT27C1024-15PI
AT27C1024-15VI
44J
40P6
40V
Industrial
(-40
°C to 85°C)
Package Type
44J
44-Lead, Plastic J-Leaded Chip Carrier (PLCC)
40P6
40-Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
40V
40-Lead, Plastic Thin Small Outline Package (TSOP) 10 x 14 mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com