Electronic Components Datasheet Search
  English  ▼

X  

J/SST111 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # J/SST111
Description  N-Channel JFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

J/SST111 Datasheet(HTML) 5 Page - Vishay Siliconix

  J/SST111 Datasheet HTML 1Page - Vishay Siliconix J/SST111 Datasheet HTML 2Page - Vishay Siliconix J/SST111 Datasheet HTML 3Page - Vishay Siliconix J/SST111 Datasheet HTML 4Page - Vishay Siliconix J/SST111 Datasheet HTML 5Page - Vishay Siliconix J/SST111 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
J/SST111 Series
Vishay Siliconix
Document Number: 70232
S-04028—Rev. E, 04-Jun-01
www.vishay.com
7-5
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Output Characteristics
100
010
80
60
40
20
0
VDS – Drain-Source Voltage (V)
24
6
8
Common-Gate Output Admittance
100
10
1
0.1
100
1000
200
500
VDG = 10 V
ID = 10 mA
TA = 25_C
f – Frequency (MHz)
Output Characteristics
40
0
1.0
32
24
16
8
0
VDS – Drain-Source Voltage (V)
0.2
0.4
0.6
0.8
Transfer Characteristics
100
0
–5
80
60
40
20
0
VGS – Gate-Source Voltage (V)
–1
–2
–3
–4
gog
bog
VGS = 0 V
–0.5
–1.0
–1.5
–2.0
–2.5
VGS(off) = –4 V
VGS(off) = –4 V
VGS = 0 V
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
VGS(off) = –4 V
TA = –55_C
25
_C
125
_C
VDS = 20 V
SWITCHING TIME TEST CIRCUIT
J/SST111
J/SST112
J/SST113
VGS(L)
–12 V
–7 V
–5 V
RL*
800
W
1600
W
3200
W
ID(on)
12 mA
6 mA
3 mA
*Non-inductive
INPUT PULSE
SAMPLING SCOPE
Rise Time < 1 ns
Fall Time < 1 ns
Pulse Width 100 ns
PRF 1 MHz
Rise Time 0.4 ns
Input Resistance 10 M
W
Input Capacitance 1.5 pF
51
W
51
W
1
k
W
VGS
Scope
VDD
RL
OUT
VGS(H)
VGS(L)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com