Electronic Components Datasheet Search
  English  ▼

X  

AT28C16 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT28C16
Description  16K 2K x 8 PCMCIA Nonvolatile Attribute Memory
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C16 Datasheet(HTML) 6 Page - ATMEL Corporation

  AT28C16 Datasheet HTML 1Page - ATMEL Corporation AT28C16 Datasheet HTML 2Page - ATMEL Corporation AT28C16 Datasheet HTML 3Page - ATMEL Corporation AT28C16 Datasheet HTML 4Page - ATMEL Corporation AT28C16 Datasheet HTML 5Page - ATMEL Corporation AT28C16 Datasheet HTML 6Page - ATMEL Corporation AT28C16 Datasheet HTML 7Page - ATMEL Corporation AT28C16 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PCMCIA
Symbol
Atmel
Symbol
Parameter
Min
Max
Units
tSU (A)
tAS
Address Setup Time
10
ns
tSU (OE-WE)
tOES
Output Disable Time To WE
10
ns
tSU (CE-WE)
tCS
Chip Enable Time To WE
0
ns
tW (WE)
tWP
Write Enable Pulse Width
100
1000
ns
tSU (D-WEH)
tDS
Data Setup To WE High
50
ns
tH (A)
tAH
Address Hold Time From WE
50
ns
tH (D)
tDH
Data Hold Time From WE High
10
ns
tH (OE-WE)
tOEH
Output Enable Hold Time From WE High
10
ns
tH (CE-WE)
tCH
Chip Enable Hold Time From WE High
0
ns
tD (B)
tDB
Delay From WE High To BUSY Asserted
50
ns
tC (W)
tWC
Write Cycle Time
1
ms
AC Write Characteristics
AC Write Waveforms
2-180
AT28C16-T



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com