Electronic Components Datasheet Search
  English  ▼

X  

AT28C256 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT28C256
Description  256K 32K x 8 Paged CMOS E2PROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C256 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT28C256 Datasheet HTML 6Page - ATMEL Corporation AT28C256 Datasheet HTML 7Page - ATMEL Corporation AT28C256 Datasheet HTML 8Page - ATMEL Corporation AT28C256 Datasheet HTML 9Page - ATMEL Corporation AT28C256 Datasheet HTML 10Page - ATMEL Corporation AT28C256 Datasheet HTML 11Page - ATMEL Corporation AT28C256 Datasheet HTML 12Page - ATMEL Corporation AT28C256 Datasheet HTML 13Page - ATMEL Corporation AT28C256 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
The following table lists standard Atmel products that can be ordered.
Device Numbers
Speed
Package and Temperature Combinations
AT28C256
15
JC, JI, PC, PI, SC, SI, TC, TI, DM/883, FM/883, LM/883, UM/883
AT28C256E
15
JC, JI, PC, PI, SC, SI, TC, TI, DM/883, FM/883, LM/883, UM/883
AT28C256F
15
JC, JI, PC, PI, SC, SI, TC, TI, DM/883, FM/883, LM/883, UM/883
AT28C256
20
JC, JI, PC, PI, SC, SI, TC, TI, DM/883, FM/883, LM/883, UM/883
AT28C256E
20
JC, JI, PC, PI, SC, SI, TC, TI, DM/883, FM/883, LM/883, UM/883
AT28C256F
20
JC, JI, PC, PI, SC, SI, TC, TI, DM/883, FM/883, LM/883, UM/883
AT28C256
25
JC, JI, PC, PI, SC, SI, TC, TI, DM/883, FM/883, LM/883, UM/883
AT28C256E
25
JC, JI, PC, PI, SC, SI, TC, TI, DM/883, FM/883, LM/883, UM/883
AT28C256F
25
JC, JI, PC, PI, SC, SI, TC, TI, DM/883, FM/883, LM/883, UM/883
AT28C256
-
W
Valid Part Numbers
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
250
50
0.35
5962-88525 05 UX
28U
Military/883C
5962-88525 05 XX
28D6
Class B, Fully Compliant
5962-88525 05 YX
32L
(-55
°C to 125°C)
5962-88525 05 ZX
28F
5962-88525 03 UX
28U
Military/883C
5962-88525 03 XX
28D6
Class B, Fully Compliant
5962-88525 03 YX
32L
(-55
°C to 125°C)
5962-88525 03 ZX
28F
300
50
0.35
5962-88525 10 UX
28U
Military/883C
5962-88525 10 XX
28D6
Class B, Fully Compliant
5962-88525 10 YX
32L
(-55
°C to 125°C)
5962-88525 10 ZX
28F
50
0.35
5962-88525 02 UX
28U
Military/883C
5962-88525 02 XX
28D6
Class B, Fully Compliant
5962-88525 02 YX
32L
(-55
°C to 125°C)
5962-88525 02 ZX
28F
350
50
0.35
5962-88525 09 UX
28U
Military/883C
5962-88525 09 XX
28D6
Class B, Fully Compliant
5962-88525 09 YX
32L
(-55
°C to 125°C)
5962-88525 09 ZX
28F
50
0.35
5962-88525 01 UX
28U
Military/883C
5962-88525 01 XX
28D6
Class B, Fully Compliant
5962-88525 01 YX
32L
(-55
°C to 125°C)
5962-88525 01 ZX
28F
Notes: 1. Electrical specifications for these speeds are defined by Standard Microcircuit Drawing 5962-88525.
2. See Valid Part Number table below.
3. SMD specifies Software Data Protection feature for device type, although Atmel product supplied to
every device type
in the SMD is 100% tested for this feature.
Ordering Information (Continued)
AT28C256
2-229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com