Electronic Components Datasheet Search
  English  ▼

X  

NLSF302MN Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLSF302MN
Description  Quad 2?묲nput NOR Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF302MN Datasheet(HTML) 1 Page - ON Semiconductor

  NLSF302MN Datasheet HTML 1Page - ON Semiconductor NLSF302MN Datasheet HTML 2Page - ON Semiconductor NLSF302MN Datasheet HTML 3Page - ON Semiconductor NLSF302MN Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
May, 2006 − Rev. 4
1
Publication Order Number:
NLSF302/D
NLSF302
Quad 2−Input NOR Gate
The NLSF302 is an advanced high speed CMOS 2−input NOR gate
fabricated with silicon gate CMOS technology. It achieves high speed
operation similar to equivalent Bipolar Schottky TTL while
maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output. The
inputs tolerate voltages up to 7.0 V, allowing the interface of 5.0 V
systems to 3.0 V systems.
Features
• High Speed: tPD = 3.6 ns (Typ) at VCC = 5.0 V
• Low Power Dissipation: ICC = 2.0 mA (Max) at TA = 25°C
• High Noise Immunity: VNIH = VNIL = 28% VCC
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Designed for 2.0 V to 5.5 V Operating Range
• Low Noise: VOLP = 0.8 V (Max)
• Function Compatible with Other Standard Logic Families
• QFN−16 Package
• Latchup Performance Exceeds 300 mA
• ESD Performance: Human Body Model; > 2000 V,
Machine Model > 200 V
• Chip Complexity: 40 FETs or 10 Equivalent Gates
• Pb−Free Package is Available*
L
L
H
H
L
H
L
H
FUNCTION TABLE
Inputs
Output
AB
H
L
L
L
Y
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
Device
Package
Shipping†
ORDERING INFORMATION
NLSF302 = Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
NLSF302MNR2
QFN−16
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
(Note: Microdot may be in either location)
NLSF302MNR2G
QFN−16
(Pb−Free)
3000/Tape & Reel
MARKING DIAGRAM
QFN−16
MN SUFFIX
CASE 485G
16
NLSF
302
ALYW
G
G
1
1


Similar Part No. - NLSF302MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSF302MNR2 ONSEMI-NLSF302MNR2 Datasheet
68Kb / 4P
Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
NLSF302MNR2G ONSEMI-NLSF302MNR2G Datasheet
68Kb / 4P
Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
More results

Similar Description - NLSF302MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H100 ONSEMI-MC10H100_06 Datasheet
144Kb / 5P
Quad 2?묲nput NOR Gate With Strobe
February, 2006 ??Rev. 7
MC10H102 ONSEMI-MC10H102_06 Datasheet
150Kb / 6P
Quad 2?묲nput NOR Gate
February, 2006 ??Rev. 7
MC10H105 ONSEMI-MC10H105_06 Datasheet
150Kb / 6P
Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC74AC02 ONSEMI-MC74AC02 Datasheet
141Kb / 10P
Quad 2?묲nput NOR Gate
October, 2006 ??Rev. 7
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
NL27WZ02 ONSEMI-NL27WZ02_06 Datasheet
63Kb / 5P
Dual 2?묲nput NOR Gate
May, 2006 ??Rev. 8
NLSF302 ONSEMI-NLSF302_06 Datasheet
68Kb / 4P
Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC74VHC1G02DTT1G ONSEMI-MC74VHC1G02DTT1G Datasheet
65Kb / 6P
Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
logo
NTE Electronics
NTE7402 NTE-NTE7402 Datasheet
69Kb / 3P
Integrated Circuit TTL ??Quad 2?묲nput Positive NOR Gate
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com