Electronic Components Datasheet Search
  English  ▼

X  

AT28HC256 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT28HC256
Description  256 32K x 8 High Speed CMOS E2PROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28HC256 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT28HC256 Datasheet HTML 1Page - ATMEL Corporation AT28HC256 Datasheet HTML 2Page - ATMEL Corporation AT28HC256 Datasheet HTML 3Page - ATMEL Corporation AT28HC256 Datasheet HTML 4Page - ATMEL Corporation AT28HC256 Datasheet HTML 5Page - ATMEL Corporation AT28HC256 Datasheet HTML 6Page - ATMEL Corporation AT28HC256 Datasheet HTML 7Page - ATMEL Corporation AT28HC256 Datasheet HTML 8Page - ATMEL Corporation AT28HC256 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Block Diagram
The AT28HC256 is accessed like a Static RAM for the
read or write cycle without the need for external compo-
nents. The device contains a 64-byte page register to al-
low writing of up to 64-bytes simultaneously. During a
write cycle, the address and 1 to 64-bytes of data are in-
ternally latched, freeing the addresses and data bus for
other operations. Following the initiation of a write cycle,
the device will automatically write the latched data using
an internal control timer. The end of a write cycle can be
detected by DATA polling of I/O7. Once the end of a write
cycle has been detected a new access for a read or write
can begin.
Atmel’s 28HC256 has additional features to ensure high
quality and manufacturability. The device utilizes internal
error correction for extended endurance and improved
data retention characteristics. An optional software data
protection mechanism is available to guard against inad-
vertent writes. The device also includes an extra 64-bytes
of E2PROM for device identification or tracking.
Description (Continued)
Temperature Under Bias................. -55°C to +125°C
Storage Temperature...................... -65°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ................... -0.6V to +6.25V
All Output Voltages
with Respect to Ground .............-0.6V to VCC + 0.6V
Voltage on OE and A9
with Respect to Ground ................... -0.6V to +13.5V
*NOTICE: Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions beyond those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Absolute Maximum Ratings*
2-280
AT28HC256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com