Electronic Components Datasheet Search
  English  ▼

X  

ECL05US05 Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # ECL05US05
Description  530 Watts ECL Series
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ECL05US05 Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button ECL05US05 Datasheet HTML 17Page - Omron Electronics LLC ECL05US05 Datasheet HTML 18Page - Omron Electronics LLC ECL05US05 Datasheet HTML 19Page - Omron Electronics LLC ECL05US05 Datasheet HTML 20Page - Omron Electronics LLC ECL05US05 Datasheet HTML 21Page - Omron Electronics LLC ECL05US05 Datasheet HTML 22Page - Omron Electronics LLC ECL05US05 Datasheet HTML 23Page - Omron Electronics LLC ECL05US05 Datasheet HTML 24Page - Omron Electronics LLC ECL05US05 Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21
*1. The values for the minimum sensing object are representative values that indicate values obtained in standard mode with the sensing distance and sensitivity set
to optimum values.
*2.
Indicates models that allow free cutting.
*3. The optical fiber is 10 m long on each side, so the sensing distance is 20,000 mm.
*4. The optical fiber is 2 m long on each side, so the sensing distance is 4,000 mm.
Type
Appearance (mm) *2
Sensing distance (mm)
Standard object
(min. sensing
object) (mm) *1
Min.
bending
radius
(mm)
Features
Model number
1 dia
(0.005 dia.)
R4
M4 screw
E32-T11
3-dia. cylinder E32-T12B
Flat shape
E32-T15XB
0.5 dia
(0.005 dia.)
M3 screw
(small)
E32-T21
2-dia. cylinder
(small)
E32-T221B
1.5-dia. cylin-
der (small)
E32-T22B
Flat shape
(small)
E32-T25XB
1 dia.
(0.005 dia.)
R4
M4 screw,
fluorine coating
E32-T11U
10 dia.
R25
Large built-in
lens, M14
screw
E32-T17L
4 dia. (0.1 dia.)
M4 screw
E32-TC200+
E39-F1
R1
M4 screw,
flexible fiber
E32-T11R+
E39-F1
R4
M4 screw,
break-resistant
E32-T11+
E39-F1
R25
Screw mount-
ing, side-view
E32-T14
1.4 dia.
(0.01 dia.)
M4 screw
E32-T11L
3-dia. cylinder E32-T12L
Through-beam Fiber Units
M4
680
900
450 (180)
B
3 dia.
15
× 8 × 3
M3
110 (45)
200
240
2 dia.
1.5 dia.
12
× 7 × 2
180
150
85 (35)
M4
680
900
450 (180)
U
M14
20,000*3
20,000*3
10,000 (4,000)
M4
4,000*4
4,000*4
2,600 (1,500)
4,000*4
3,700
2,400 (970)
R
4,000*4
3,600
2,300 (930)
B
4,000*4
3,400
2,250 (900)
M4
1,700
1,330
870 (350)
3 dia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com