Electronic Components Datasheet Search
  English  ▼

X  

RT12 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # RT12
Description  Trimpot Trimming Potentiometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RT12 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  RT12 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
■ 1-1/4 ” Rectangular / Multiturn
Wirewound / Industrial / Sealed
■ Panel mount option available
■ Listed on the QPL per MIL-PRF-27208
■ For trimmer applications/processing
guidelines, click here
RT12 - Trimpot® Trimming Potentiometer
“Trimpot” is a registered trademark of Bourns, Inc.
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
...................................10 to 20K ohms
(see standard resistance table)
Resistance Tolerance .............. ±5 % std.
Absolute Minimum Resistance
...........................0.1 % or 1 ohm max.
(whichever is greater)
Noise .....................100 ohms ENR max.
Resolution............ See Resistance Table
Insulation Resistance ............... 500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level ............................ 1,500 vac
70,000 Feet ............................ 400 vac
Adjustment Travel............. 22 turns nom.
Environmental Characteristics
Power Rating @ 70 °C ................. 1 watt
Power Rating @ 150 °C ............... 0 watt
Temperature Range....-55 °C to +150 °C
Temperature Coefficient ...... ±50 ppm/°C
Seal Test...................... 85 °C Fluorinert*
(pin styles only)
Humidity........ MIL-STD-202 Method 106
96 hours
2 %
ΔTR, 100 Megohms IR)
Vibration ............. 30 G (1 %
ΔTR; 0.5 %
+ resolution DVR)
Shock................ 100 G (1 %
ΔTR; 0.5 %
+ resolution
ΔVR)
Load Life....1,000 hours 1 watt @ 70 °C
(2 %
ΔTR)
Rotational Life...... 200 cycles (2 %
ΔTR)
Physical Characteristics
Torque............................. 5.0 oz-in. max.
Mechanical Stops ................. Wiper idles
Terminals ........ Solderable pins and lugs
Flexible leads ..... (7 strands of 30 AWG)
Weight ....................................... 0.10 oz.
Marking.........Manufacturer’s trademark,
resistance code, terminal numbers,
date code, manufacturer’s model
number and style
Wiper ............... 50 % (Actual TR) ±10 %
Flammability .......................... U.L. 94V-0
Standard Packaging
P&Y Style .................. 10 pcs. per tube
L Style ........................ 25 pcs. per bag
Adjustment Tool .............................. H-90
Product Dimensions
How To Order
RT12 C2 P 101
Model
Characteristic
C = ±50 ppm/°C Temp. Coeff. Max.
2 = 85 °C Rating Temp.
150 °C Max. Operating Temp.
Terminal Style
Resistance Code
Standard Resistance Table
Nominal
Resistance
Resistance
Resolution
(Ohms)
Code
(Percent)
10
100
2.40
20
200
1.90
50
500
1.40
100
101
1.00
200
201
0.86
500
501
0.89
1,000
102
0.72
2,000
202
0.58
5,000
502
0.43
10,000
103
0.34
20,000
203
0.31
REV. 12/12
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
RT12C2L
Common Dimensions
3.18
(.125 )
31.75
(1.25)
25.4
(1.000)
1.47 ± .56
(.058 ± .022)
2.36
(.093)
MTG. HOLES (2)
LEADS
MIN. LENGTH
6.10
(.240)
6.10
(.240)
4.83
(.190)
8.00 ± .38
(.315 ± .015)
2.67
(.105 )
3.43 ± .38
(.135 ± .015)
DIA.
TYP.
TYP.
152.4
(6.000)
ADJ. SLOT
2.92 ± .38
(.115 ± .015)
.64
(.025)
.79
(.031)
WIDE
X
X
DEEP
DIA.
RT12C2P
17.78
(.700)
22.86
(.900)
6.60
(.260)
2
1
3
12.70 ± .79
(.500 ± .031)
.71 ± .03
(.028 ± .001)
DIA. TYP.
RT12C2Y
7.62
(.300)
17.78
(.700)
6.35
(.250)
2
3
12.70 ± .79
(.500 ± .031)
1
2.54
(.100)
2.54
(.100)
.71 ± .03
(.028 ± .001)
DIA. TYP.
DIMENSIONS:
MM
(INCHES)
MIL-PRF-27208
1
3 GREEN
CW
CLOCKWISE
YELLOW
CCW
2 WIPER
RED


Similar Part No. - RT12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT12 VISHAY-RT12 Datasheet
122Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT12 VISHAY-RT12 Datasheet
109Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT12 VISHAY-RT12 Datasheet
97Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT12 VISHAY-RT12 Datasheet
79Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
logo
Tyco Electronics
RT120 MACOM-RT120 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
More results

Similar Description - RT12

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3352 BOURNS-3352_13 Datasheet
200Kb / 1P
Round Trimpot Trimming Potentiometer
0655 BOURNS-0655 Datasheet
159Kb / 1P
Trimpot Trimming Potentiometer
3006 BOURNS-3006 Datasheet
131Kb / 1P
Trimpot Trimming Potentiometer
3057 BOURNS-3057 Datasheet
117Kb / 1P
Trimpot Trimming Potentiometer
3059 BOURNS-3059 Datasheet
116Kb / 1P
Trimpot Trimming Potentiometer
RJ12 BOURNS-RJ12 Datasheet
121Kb / 1P
Trimpot Trimming Potentiometer
RJ24FL202 BOURNS-RJ24FL202_12 Datasheet
184Kb / 1P
Square Trimpot Trimming Potentiometer
RT22C2P501 BOURNS-RT22C2P501 Datasheet
143Kb / 1P
Square Trimpot Trimming Potentiometer
RT26 BOURNS-RT26 Datasheet
120Kb / 1P
Square Trimpot Trimming Potentiometer
3006P-1-100LF BOURNS-3006P-1-100LF Datasheet
187Kb / 1P
3006 - Trimpot Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com