Electronic Components Datasheet Search
  English  ▼

X  

RT26 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # RT26
Description  Square Trimpot Trimming Potentiometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RT26 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  RT26 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.89
(.035)
1.27
(.050)
6.35 ± .51
(.250 ± .020)
4.78 ± .38
(.188 ± .015)
.76
(.030)
1.02 ± .38
(.040 ± .015)
4.32 ± .38
(.170 ± .015)
.41 ± .03
(.016 ± .001)
12 3
12 3
.89
(.035)
6.35 ± .51
(.250 ± .020)
6.35 ± .51
(.250 ± .020)
1.27
(.050)
4.32 ± .38
(.170 ± .015)
2.54
(.100)
2.54
(.100)
2.54
(.100)
DIA.
1.27
(.050)
1.27
(.050)
ADJ. SLOT
1.78
(.070)
.51
(.020)
.51
(.020)
WIDE
X
X
DEEP
DIA.
Features
■ Multiturn / Wirewound / Industrial / Sealed
■ Listed on the QPL per MIL-PRF-27208
■ For trimmer applications/processing
guidelines, click here
RT26 - 1/4 ” Square Trimpot® Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
“Trimpot” is a registered trademark of Bourns, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
.....................................10 to 5K ohms
(see standard resistance table)
Resistance Tolerance .............. ±5 % std.
Absolute Minimum Resistance
.........................0.25 % or 1 ohm max.
(whichever is greater)
Noise .....................100 ohms ENR max.
Resolution.............. See resistance table
Insulation Resistance ............... 500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level ............................... 600 vac
80,000 Feet ............................ 250 vac
Adjustment Angle.............. 11 turns nom.
Environmental Characteristics
Power Rating
85 °C .................................... 0.25 watt
150 °C ....................................... 0 watt
Temperature Range....-55 °C to +150 °C
Temperature Coefficient ...... ±50 ppm/°C
Seal Test...................... 85 °C Fluorinert*
Humidity........ MIL-STD-202 Method 106
(1 %
ΔTR, 10 Megohms IR)
Vibration ......................................... 20 G
(1 %
ΔTR; 1% + resolution ΔVR)
Shock............................................ 100 G
(1 %
ΔTR; 1 % + resolution ΔVR)
Load Life1,000 hours 0.25 watt @ 85 °C
(2 %
ΔTR; 2 % + resolution ΔVR)
Rotational Life........................ 200 cycles
(2 %
ΔTR)
Physical Characteristics
Torque............................. 3.0 oz-in. max.
Mechanical Stops ................. Wiper idles
Terminals ..... MIL-STD-202; Method 208
Weight ..................................... 0.015 oz.
Marking................. Mil-spec part number
Wiper ............... 50 % (Actual TR) ±10 %
Flammability ............................ UL 94V-0
Standard Packaging ..... 50 pcs. per tube
Adjustment Tool .............................. H-90
Product Dimensions
How To Order
RT26 C2 X 101
Model
Characteristic
C = ±50 ppm/°C Temp. Coeff. Max.
2 = 85 °C Rating Temp.
150 °C Max. Operating Temp.
Terminal Style
Resistance Code
REV. 12/12
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
RT26C2W
MIL-PRF-27208
Standard Resistance Table
Nominal
Resistance
Resistance
Resolution
(Ohms)
Code
(Percent)
10
100
1.90
20
200
1.50
50
500
1.23
100
101
1.00
200
201
0.94
500
501
0.58
1,000
102
0.50
2,000
202
0.45
5,000
502
0.34
RT26C2X
Common Dimensions
1
3 CW
CLOCKWISE
CCW
2 WIPER
DIMENSIONS:
MM
(INCHES)


Similar Part No. - RT26

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RT26 ADAM-TECH-RT26 Datasheet
497Kb / 16P
RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RT26 ADAM-TECH-RT26 Datasheet
156Kb / 2P
RELAY SIGNAL RELAY THRU-HOLE-RT2
logo
Marktech Corporate
RT260-20 MARKTECH-RT260-20 Datasheet
387Kb / 6P
Gen III LEDs
RT260-20 MARKTECH-RT260-20_15 Datasheet
387Kb / 6P
Gen III LEDs
logo
Richtek Technology Corp...
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
2A, 1.2MHz Synchronous Step-Down Converter
More results

Similar Description - RT26

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3260 BOURNS-3260 Datasheet
108Kb / 1P
1/4 ??Square Trimpot Trimming Potentiometer
RJ22 BOURNS-RJ22 Datasheet
108Kb / 1P
1/2 Square Trimpot Trimming Potentiometer
RJ24FL202 BOURNS-RJ24FL202_12 Datasheet
184Kb / 1P
Square Trimpot Trimming Potentiometer
RT22C2P501 BOURNS-RT22C2P501 Datasheet
143Kb / 1P
Square Trimpot Trimming Potentiometer
RT24C2P501 BOURNS-RT24C2P501 Datasheet
187Kb / 1P
Square Trimpot Trimming Potentiometer
3266P-1-253LF BOURNS-3266P-1-253LF Datasheet
364Kb / 2P
3266 - 1/4 Square Trimpot Trimming Potentiometer
3386X-1-103TLF BOURNS-3386X-1-103TLF Datasheet
407Kb / 3P
3386 - 3/8 Square Trimpot Trimming Potentiometer
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-C197 AVAGO-HSMC-C197 Datasheet
188Kb / 10P
3296 - 3/8 Square Trimpot Trimming Potentiometer
logo
Bourns Electronic Solut...
3318F1503A BOURNS-3318F1503A Datasheet
245Kb / 2P
3318 - 6 mm Square Trimpot Trimming Potentiometer
3386H-1-502LF BOURNS-3386H-1-502LF Datasheet
407Kb / 3P
3386 - 3/8 Square Trimpot Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com