Electronic Components Datasheet Search
  English  ▼

X  

9422CSF10 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # 9422CSF10
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF10 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button 9422CSF10 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 12Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 13Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 14Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 15Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 16Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 17Page - List of Unclassifed Manufacturers 9422CSF10 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
For other versions, please consult with your local Schneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/13
5
Add-on blocks
Contact blocks
Auxiliary contacts Contact type
C.O.
GV7AE11
Thermal or magnetic fault discrimination
24–48 VAC/DC or 24–72 VDC
110–240VAC/DC
GV7AD111
GV7AD112
Electric trips
Voltage
50/60 Hz
48 V
110–130 V
200–240 V
380–440 V
50 Hz
525 V
Undervoltage trip (1)
GV7AU055
GV7AU107
GV7AU207
GV7AU387
GV7AU525
Shunt trip (1)
GV7AS055
GV7AS107
GV7AS207
GV7AS387
GV7AS525
(1) For mounting of a GV7AD or a GV7AU or AS
Accessories
Terminal shields IP 405
Supplied with the sealing accessory
GV7AC01
Phase barriers
used when fitting of shields is impossible
GV7AC04
Insulating screens
Ensure insulation between the connections and the backplate
GV7AC05
Kit for combination with contactor
Allowing link between the circuit-breaker and the contactor
LC1F115 to F185
LC1F225 and F26
LC1D115 and D150
GV7AC06
GV7AC07
GV7AC08
Rotary handles
Handle
black
red
Legend plate
black
yellow
■
■
■
■
■ direct
IP 40
GV7AP03
GV7AP04
■
■
■
■
■ extended
IP 55
GV7AP01
GV7AP02
Conversion accessory
for mounting on enclosure door
IP 43
GV7AP05
Locking device
For starter not fitted with a rotary handle
GV7V01
Te
Sys
Type GV7R
Manual motor starters
1–120 Hp
Manual motor starters GV7R for connection by screw clamp terminals
Control by rocker lever
Horsepower ratings of 3-phase motors 50/60 Hz
Setting range of thermal trips
Catalog Number
230 V
460V
575 V
A
5
10
15
12–20
GV7RE20
5
10
15
12–20
GV7RS20
7.5
15
20
15–25
GV7RE25
7.5
15
20
15–25
GV7RS25
10
30
30
25–40
GV7RE40
10
30
30
25–40
GV7RS40
15
30
40
30–50
GV7RE50
30
60
75
48–80
GV7RE80
30
60
75
48–80
GV7RS80
30
75
100
60–100
GV7RE100
30
75
100
60–100
GV7RS100
50
100
150
90–150
GV7RE150
50
100
150
90–150
GV7RS150
75
150
200
132–220
GV7RE220
75
150
200
132–220
GV7RS220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com