Electronic Components Datasheet Search
  English  ▼

X  

AT29C1024 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT29C1024
Description  1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C1024 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT29C1024 Datasheet HTML 1Page - ATMEL Corporation AT29C1024 Datasheet HTML 2Page - ATMEL Corporation AT29C1024 Datasheet HTML 3Page - ATMEL Corporation AT29C1024 Datasheet HTML 4Page - ATMEL Corporation AT29C1024 Datasheet HTML 5Page - ATMEL Corporation AT29C1024 Datasheet HTML 6Page - ATMEL Corporation AT29C1024 Datasheet HTML 7Page - ATMEL Corporation AT29C1024 Datasheet HTML 8Page - ATMEL Corporation AT29C1024 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AC Read Characteristics
AT29C1024-70 AT29C1024-90 AT29C1024-12 AT29C1024-15
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Units
tACC
Address to Output Delay
70
90
120
150
ns
tCE (1)
CE to Output Delay
70
90
120
150
ns
tOE (2)
OE to Output Delay
0
35
0
45
0
60
0
70
ns
tDF (3, 4)
CE or OE to Output Float
0
25
0
25
0
30
0
40
ns
tOH
Output Hold from OE, CE
or Address, whichever
occurred first
0000
ns
Notes: 1. CE may be delayed up to tACC - tCE after the address
transition without impact on tACC .
2. OE may be delayed up to tCE - tOE after the falling
edge of CE without impact on tCE or by tACC - tOE
after an address change without impact on tACC .
3. tDF is specified from OE or CE whichever occurs first
(CL = 5 pF).
4. This parameter is characterized and is not 100% tested.
AC Read Waveforms
(1, 2, 3, 4)
tR, tF < 5 ns
Input Test Waveforms and
Measurement Level
Output Test Load
70 ns
90/120/150 ns
Pin Capacitance
(f = 1 MHz, T = 25°C)
(1)
Typ
Max
Units
Conditions
CIN
46
pF
VIN = 0V
COUT
812
pF
VOUT = 0V
Note:
1. This parameter is characterized and is not 100% tested.
AT29C1024
4-145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com