Electronic Components Datasheet Search
  English  ▼

X  

BAT54AW Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAT54AW
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT54AW Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAT54AW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT54AW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT54AW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT54AW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ordering information (Detail, example)
BAT54W
SOT-323
RF
BAT54W
SOT-323
RF
Tape & Reel specification
B1
D
D1
E
F
K
P0
P2
R
max
+0.1;-0
min
±1.0
±0.05
max
±0.1
±0.1
min
8 mm
4.55
1.5
1
1.75
3.5
2.4
4
2
25
TW
max
max
0.6
8.3
Unit (mm)
Version:B13
3K / 7" REEL
RFG
B0
Packing code
(Green)
Manufacture code
BAT54xx
(Note1)
SOT-323
3K / 7" REEL
RF
RFG
(Note 2)
Tape Size
Small Signal Product
Part No.
Package
Packing
Packing code
Note 1: "xx" is Device Code from "W" thru "SW".
Note 2: Manufacture special control, if empty means no special control requirement.
3K / 7" REEL
RFG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com