Electronic Components Datasheet Search
  English  ▼

X  

BC846AW Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BC846AW
Description  NPN Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC846AW Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BC846AW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC846AW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC846AW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC846AW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BC846AW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BC846AW/BW/CW-50AW/BW/CW
NPN Transistor
Small Signal Diode
Maximum Ratings
Units
mW
V
V
V
A
A
°C
Electrical Characteristics
Units
V
BC846AW/BW/CW
BC847AW/BW/CW
BC848AW/BW/CW
BC849AW/BW/CW
BC850AW/BW/CW
V
BC846AW/BW/CW
BC847AW/BW/CW
BC848AW/BW/CW
BC849AW/BW/CW
BC850AW/BW/CW
V
nA
nA
V
MHz
V
pF
BC846AW~BC850AW
BC846BW~BC850BW
BC846CW~BC850CW
100
Collector Output Capacitance
at VCB= 10 V,IE= 0, f= 1MHz
Cob
-
4.5
0.1
Peak Collector Current
-55 to + 150
-
-
-
110
200
420
220
450
800
Collector-Base Breakdown Voltage
at IC= 10 uA
BC846AW/BW/CW
BC847AW/BW/CW
BC848AW/BW/CW
BC849AW/BW/CW
BC850AW/BW/CW
Collector-Emitter Breakdown
Voltage
at IC= 10 mA
Collector Cut-off Current
at VCB = 30 V
IEBO
Junction and Storage Temperature Range
TJ, TSTG
VEBO
Collector Current
IC
Emitter-Base Voltage
BC846AW/BW/CW
BC847AW/BW/CW
BC848AW/BW/CW
BC849AW/BW/CW
BC850AW/BW/CW
ICM
-
-
Emitter Cut-off Current
at VEB= 5 V
-
-
-
-
-
6
6
5
5
5
100
-
0.25
0.6
Transition frequency
VCE= 5V,IC= 10 mA,f= 100 MHz
fT
6
6
5
5
5
200
Collector-Base Voltage
BC846AW/BW/CW
BC847AW/BW/CW
BC848AW/BW/CW
BC849AW/BW/CW
BC850AW/BW/CW
Collector-Emitter Voltage
BC846AW/BW/CW
BC847AW/BW/CW
BC848AW/BW/CW
BC849AW/BW/CW
BC850AW/BW/CW
VCBO
Maximum Ratings and Electrical Characteristics
VCEO
65
45
30
30
45
80
50
30
30
50
Rating at 25
°C ambient temperature unless otherwise specified.
Power Dissipation
PD
Type Number
Symbol
Value
VEBO
-
-
-
-
-
-
-
Type Number
80
50
30
30
50
Symbol
VCBO
Min
-
-
-
-
-
15
Base Emitter Voltage
at VCE= 5V,IC= 2 mA
VCE= 5V,IC= 10 mA
VBE
0.58
-
0.7
0.77
0.2
Emitter-Base Breakdown Voltage
at IE= 1 uA
Collector-Emitter saturation voltage
at IC= 10 mA,IB= 0.5 mA
IC= 100 mA,IB= 5 mA
VCE(sat)
ICBO
DC Current Gain
at VCE= 5 V,IC= 2 mA
hFE
Max
65
45
30
30
45
VCEO
Version : A12



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com