Electronic Components Datasheet Search
  English  ▼

X  

TC33 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TC33
Description  Trimmer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TC33 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TC33 Datasheet HTML 1Page - Bourns Electronic Solutions TC33 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Headquarters Riverside CA
www.bourns.com
page 1 of 2
CASRN: CAS Registry Number® is a Registered Trademark of the American Chemical Society
MATERIAL DECLARATION SHEET
No.
Construction Element
(Subpart)
Homogeneous Material
Material
Weight (g)
Homogeneous
Material
CASRN
Material
Mass %
Material Mass
% of total
unit wt.
Subpart
mass of
total wt.
(%)
Substance
1
SUBSTRATE
Aluminum oxide
0.0125760
Aluminum oxide
1344-28-1
96
40.7808
42.48
0.0003668
Silicon dioxide
14808-60-7
2.8
1.1894
0.0001179
Magnesium oxide
1309-48-4
0.9
0.3823
0.0000393
Calcium oxide
1305-78-8
0.3
0.1275
2
ELECTRODE
Silver Palladium
0.0000035
Bismuth trioxide
1304-76-3
0.875
0.0114
1.30
0.0000025
Copper
7440-50-8
0.625
0.0081
0.0000152
Palladium
7440-05-3
3.8
0.0494
0.0003680
Silver
7440-22-4
92.0
1.196
0.0000003
Boron oxide
1303-86-2
0.075
0.001
0.0000002
Barium
7440-39-3
0.05
0.0006
0.0000103
Glass
65997-18-4
2.575
0.0335
3
RESISTANCE
ELEMENT
METAL GLAZED
COATING
0.0001620
Lead oxide
1317-36-8
27.0
0.5265
1.95
0.0000900
Palladium
7440-05-3
15.0
0.2925
0.000270018
Silver
7440-22-4
45.003
0.8776
0.0000156
Boron oxide
1303-86-2
2.6
0.0507
0.0000102
Manganese oxide
1313-13-9
1.7
0.0331
0.0000462
Ruthenium dioxide
12036-10-1
7.7
0.1501
0.000005982
Glass
65997-18-4
0.997
0.0195
4
TERMINAL
CONNECTOR
Sn-3Ag-0.5Cu
0.0000050
Copper
7440-50-8
0.5
0.0162
3.24
0.0000300
Silver
7440-22-4
3
0.0972
0.0009650
Tin
7440-31-5
96.5
3.1266
Material Number
TC 33 (RC < 1KΩ)
Product Line
Trimmer
Compliance Date
8-16-2004
RoHS Compliant
Yes
MSL


Similar Part No. - TC33

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TC33 BOURNS-TC33 Datasheet
106Kb / 1P
Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
logo
SHENZHEN FUMAN ELECTRON...
TC3303 FUMAN-TC3303 Datasheet
354Kb / 7P
3W-D stereo audio amplifier IC with volume control
logo
Productwell Precision E...
TC3317D-151M PRODUCTWELL-TC3317D-151M Datasheet
129Kb / 4P
TOROID INDUCTORS
TC3317D-851M PRODUCTWELL-TC3317D-851M Datasheet
129Kb / 4P
TOROID INDUCTORS
logo
Transcom, Inc.
TC3331 TRANSCOM-TC3331 Datasheet
167Kb / 3P
3.3 - 3.7 GHz 1W MMIC
More results

Similar Description - TC33

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3046_MDS BOURNS-3046_MDS Datasheet
54Kb / 1P
Trimmer
3302_MDS BOURNS-3302_MDS Datasheet
146Kb / 2P
Trimmer
3303 BOURNS-3303 Datasheet
124Kb / 2P
Trimmer
3290_MDS BOURNS-3290_MDS Datasheet
141Kb / 2P
Trimmer
3319_MDS BOURNS-3319_MDS Datasheet
53Kb / 1P
Trimmer
3329_MDS BOURNS-3329_MDS Datasheet
141Kb / 2P
Trimmer
7829S BOURNS-7829S Datasheet
126Kb / 2P
Trimmer
7829H BOURNS-7829H Datasheet
124Kb / 2P
Trimmer
7814023 BOURNS-7814023 Datasheet
119Kb / 2P
Trimmer
7813S BOURNS-7813S Datasheet
204Kb / 2P
Trimmer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com