Electronic Components Datasheet Search
  English  ▼

X  

AT34C02 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT34C02
Description  2-Wire Serial EEPROM with Permanent Software Write Protect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT34C02 Datasheet HTML 3Page - ATMEL Corporation AT34C02 Datasheet HTML 4Page - ATMEL Corporation AT34C02 Datasheet HTML 5Page - ATMEL Corporation AT34C02 Datasheet HTML 6Page - ATMEL Corporation AT34C02 Datasheet HTML 7Page - ATMEL Corporation AT34C02 Datasheet HTML 8Page - ATMEL Corporation AT34C02 Datasheet HTML 9Page - ATMEL Corporation AT34C02 Datasheet HTML 10Page - ATMEL Corporation AT34C02 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AT34C02
7
Device Addressing
The 2K EEPROM device requires an 8-bit device address
word following a start condition to enable the chip for a read
or write operation (refer to Figure 2).
The device address word consists of a mandatory one-zero
sequence for the first four most-significant bits (1010) for
normal read and write operations and 0110 for writing to
the write protect register.
The next 3 bits are the A2, A1 and A0 device address bits
for the AT34C02 EEPROM. These 3 bits must compare to
their corresponding hard-wired input pins.
The eighth bit of the device address is the read/write opera-
tion select bit. A read operation is initiated if this bit is high
and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will
output a zero. If a compare is not made, the chip will return
to a standby state. The device will not acknowledge if the
write protect register has been programmed and the control
code is 0110.
Write Operations
BYTE WRITE: A write operation requires an 8-bit data
word address following the device address word and
acknowledgment. Upon receipt of this address, the
EEPROM will again respond with a zero and then clock in
the first 8-bit data word. Following receipt of the 8-bit data
word, the EEPROM will output a zero and the addressing
device, such as a microcontroller, must terminate the write
sequence with a stop condition. At this time the EEPROM
enters an internally-timed write cycle, t
WR, to the nonvolatile
memory. All inputs are disabled during this write cycle and
the EEPROM will not respond until the write is complete
(refer to Figure 3).
The device will acknowledge a write command, but not
write the data, if the software or hardware write protection
has been enabled. The write cycle time must be observed
even when the write protection is enabled.
PAGE WRITE: The 2K device is capable of 16-byte page
write.
A page write is initiated the same as a byte write, but the
microcontroller does not send a stop condition after the first
data word is clocked in. Instead, after the EEPROM
acknowledges receipt of the first data word, the microcon-
troller can transmit up to fifteen more data words. The
EEPROM will respond with a zero after each data word
received. The microcontroller must terminate the page
write sequence with a stop condition (refer to Figure 4).
The data word address lower four bits are internally incre-
mented following the receipt of each data word. The higher
data word address bits are not incremented, retaining the
memory page row location. When the word address, inter-
nally generated, reaches the page boundary, the following
byte is placed at the beginning of the same page. If more
than sixteen data words are transmitted to the EEPROM,
the data word address will “roll over” and previous data will
be overwritten. The address “roll over” during write is from
the last byte of the current page to the first byte of the same
page.
The device will acknowledge a write command, but not
write the data, if the software or hardware write protection
has been enabled. The write cycle time must be observed
even when the write protection is enabled.
ACKNOWLEDGE POLLING: Once the internally-timed
write cycle has started and the EEPROM inputs are dis-
abled, acknowledge polling can be initiated. This involves
sending a start condition followed by the device address
word. The read/write bit is representative of the operation
desired. Only if the internal write cycle has completed will
the EEPROM respond with a zero allowing the read or write
sequence to continue.
Write Protection
The software write protection, once enabled, permanently
write protects only the first-half of the array (00H - 7FH)
while the hardware write protection, via the WP pin, is used
to protect the entire array.
SOFTWARE WRITE PROTECTION: The software write
protection is enabled by sending a command, similar to a
normal write command, to the device which programs the
write protect register. This must be done with the WP pin
low. The write protect register is programmed by sending a
write command with the device address of 0110 instead of
1010 with the address and data bit being don’t cares (refer
to Figure 1). Once the software write protection has been
enabled, the device will no longer acknowledge the 0110
control byte. The software write protection cannot be
reversed even if the device is powered down. The write
cycle time must be observed.
HARDWARE WRITE PROTECTION: The WP pin can be
connected to V
CC, GND, or left floating. Connecting the WP
pin to V
CC will write protect the entire array, regardless of
whether or not the software write protection has been
enabled. The software write protection register cannot be
programmed when the WP pin is connected to V
CC. If the
WP pin is connected to GND or left floating, the write pro-
tection mode is determined by the status of the software
write protect register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com