Electronic Components Datasheet Search
  English  ▼

X  

SMS172RTP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMS172RTP
Description  3MM FRESNEL LENS W/ MOISTURE SEAL, ROUND LOW PROFILE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMS172RTP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMS172RTP Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.192in
4.87mm
3.91mm
.154in
4.32mm
.170in
.270in
6.86mm
.193in
4.91mm
MOISTURE
SEAL
PHONE: (800) 522-5546 EMAIL: vccsales@vcclite.com
ANY REPRODUCTION IN PART OR AS
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1'
DATE
DRAWING IS THE SOLE PROPERTY OF
OTHERWISE SPECIFIED
VISUAL COMMUNICATIONS COMPANY, INC.
MM
GENERAL TOLERANCES UNLESS
INCHES
.508
.254
.127
.005
.020
.010
.XXX
.XX
1
DIMENSION STYLE: INCHES [MM]
EDGES .030 MAX
DRAWN
THE INFORMATION CONTAINED IN THIS
B
SCALE: 10:1
SHEET 1 OF 1
DO NOT SCALE DRAWING
SIZE
MATERIAL
THIRD ANGLE PROJECTION
DWG. NO.
3MM FRESNEL LENS
W/ MOISTURE SEAL,
ANGLE
.X
APPROVAL
SMS 172 XXX
2/20/12
KHOWARD
AZANELLI
SEE NOTES
PROPRIETARY AND CONFIDENTIAL
BREAK ALL CORNERS AND SHARP
FINISH
TITLE:
A WHOLE WITHOUT THE WRITTEN
REV
12780 DANIELSON CT, SUITE A, POWAY, CA 92064 U.S.A
COMMUNICATIONS COMPANY, INC IS
ROUND LOW PROFILE
PROHIBITED.
000
CHECKED
SEE NOTES
3/5/12
PERMISSION OF VISUAL
NOTES:
ROHS COMPLIANT
1.
MATERIAL: LENS - POLYCARBONATE, UL 94-V2
2.
MOISTURE SEAL - EPDM
3.
MOUNTING: MOUNTS IN A
.171" .002 [
4.34mm .05] PANEL HOLE ON
4.
.250" [6.35mm] CENTER
PANEL HOLE SHALL BE DEBURRED, BUT NOT CHAMFERED
5.
PANEL THICKNESS: .031" [.8 mm] to .094" [2.39mm]
6.
ASSEMBLY:
7.
A.) INSERT LENS INTO PANEL HOLE
B.) SLIDE RNG 132 RETAINING RING ON BACK OF LENS
C.) INSERT LED INTO LENS
U.S. & FOREIGN PATENT ISSUED
8.
ORDERING CODE :
REVISIONS
RNG 132
XXX
SMS 172
DATE
REV.
ECN #
DESCRIPTION
MODEL
INITIALS CHK'D
353
000
INITIAL RELEASE
2/20/12
AZ
KH
(ORDER SEPARATELY)
RETAINING RING
LENS COLOR
RTP
RED TRANSPARENT
ATP
AMBER TRANSPARENT
GTP
GREEN TRANSPARENT
BTP
BLUE TRANSPARENT
YTP
YELLOW TRANSPARENT
CTP
CLEAR TRANSPARENT
LENS
RNG 132
RETAINING RING
LED
PCB
DISPLAY PANEL
ASSEMBLY


Similar Part No. - SMS172RTP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
SMS172RTP VCC-SMS172RTP Datasheet
96Kb / 1P
3MM FRESNEL LENS
More results

Similar Description - SMS172RTP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CLB300RTP VCC-CLB300RTP Datasheet
82Kb / 1P
5MM ROUND LOW PROFILE FRESNEL LENS
CMC321RTP VCC-CMC321RTP Datasheet
76Kb / 1P
5MM ROUND FRESNEL LOW PROFILE LENS
CMS322RTP VCC-CMS322RTP Datasheet
74Kb / 1P
5MM ROUND LOW PROFILE FRESNEL LENS W/SEAL
CLB-300 VCC-CLB-300 Datasheet
82Kb / 1P
PROFILE FRESNEL LENS 5MM ROUND LOW
CMC-321 VCC-CMC-321 Datasheet
76Kb / 1P
LOW PROFILE LENS 5MM ROUND FRESNEL
CMS-322 VCC-CMS-322 Datasheet
74Kb / 1P
FRESNEL LENS W/SEAL 5MM ROUND LOW PROFILE
SMB200 VCC-SMB200 Datasheet
81Kb / 1P
PROFILE FRESNEL LENS 3MM ROUND LOW
SMC170 VCC-SMC170 Datasheet
74Kb / 1P
LOW PROFILE LENS 3MM ROUND FRESNEL
SML190 VCC-SML190 Datasheet
81Kb / 1P
HEIGHT FRESNEL LENS 3MM ROUND STANDARD
SMQ250 VCC-SMQ250 Datasheet
75Kb / 1P
PROFILE FRESNEL LENS 3MM SQUARE LOW
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com