Electronic Components Datasheet Search
  English  ▼

X  

QB-968 Datasheet(PDF) 1 Page - API Technologies Corp

Part # QB-968
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

QB-968 Datasheet(HTML) 1 Page - API Technologies Corp

  QB-968 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+25 ºC
RF AMPLIFIER
MODEL
QB-968
Available as:
QB-968, SMA Connectorized Housing (080-22930)
Specifications1
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ...................... -40ºC to +85
Storage Temperature .................................-65ºC to +125 ºC
DC Voltage .......................................................... +16 Volts
RF Input Power (CW)2 .......................................................................... +20 dBm
Features
Ultra Broadband Amplifier
High Gain: 24 dB Typical
Low Noise Figure: 3 dB Typical
High Reverse Isolation
Single Supply Operation (Other Supply Voltages Available)
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -40 ºC to +85 ºC
Frequency
2 - 18 GHz
2 - 18 GHz
Power
Vdc
+12
+12
mA
120
130 Max.
Noise Figure (dB)
3.0
5.0 Max.
VSWR
In
1.5:1
2.0:1 Max.
Out
1.7:1
2.0:1 Max.
Reverse Isolation (dB)
70
45 Min.
Gain (dB)
24
23 / 25
Gain Flatness (dB)
+0.8
+1.0 Max.
Gain var. Over Temp. (dB)
+0.3 / -1.2
+1.0 / -2.0
Output Power @ 1 dB
Compression (dBm)
+16
+13.5 Min.
Typical Performance Data
Notes:
1. All specification ratings are based on measurements in a 50 ohm system
with a DC supply voltage tolerance of +1%.
2. RF output terminated into 50 ohms.
Rev.
5/13/10
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Preliminary
Output Intercept Point (dBm)
3rd Order
+28
+25 Min.
Outline Drawing


Similar Part No. - QB-968

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QB-962 APITECH-QB-962 Datasheet
40Kb / 1P
RF AMPLIFIER MODEL
QB-963 APITECH-QB-963 Datasheet
40Kb / 1P
RF AMPLIFIER MODEL
logo
API Delevan
QB-969 API-QB-969 Datasheet
34Kb / 1P
Microwave Amplifi er 500 MHz to 10 GHz Model QB-969
More results

Similar Description - QB-968

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com