Electronic Components Datasheet Search
  English  ▼

X  

QB-962 Datasheet(PDF) 1 Page - API Technologies Corp

Part # QB-962
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

QB-962 Datasheet(HTML) 1 Page - API Technologies Corp

  QB-962 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev.
7/15/10
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point........+57 dBm (Typ.)
Second Order Two Tone Intercept Point.........+52 dBm (Typ.)
Third Order Two Tone Intercept Point.............+42 dBm (Typ.)
Power
Vdc
+15
+15
m A
350
450 Max.
RF AMPLIFIER
MODEL QB-962
Features
 High Output Power: 1 Watt Typical
 High Third Order Intercept: +42 dBm Typical
 High Second Order Intercept: +52 dBm Typical
 Environmental ScreeningAvailable
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
2500- 3500 MHz
2500- 3500 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
3.5
5.0 Max.
VSWR
In
1.5:1
2.0:1 Max.
Out
2.0:1
2.5:1 Max.
Reverse
Isolation (dB)
40
35 Min.
Power @ 1 dB
Comp. (dBm)
+30.5
+29 Min.
Gain (dB)
31
30 Min.
Specifications
Typical Performance Data
Available as:
QB-962, SMA Connectorized Housing
Maximum Ratings
Ambient Operating Temperature ................ -55ºC to +125 ºC
Storage Temperature ................................. -62ºC to +150 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +18 Volts
Continuous RF Input Power .................................. +13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
μsec Max.)
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Legend
+25 ºC
3.0
2.0
1.0
3.0
2.0
6
4
2
34
32
31
+27
0
15
30
45
60
30
Start 2500 MHz
Stop 3500 MHz
+31
+30
+29
+28
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
33
1.0
Start 2500 MHz
Start 2500 MHz
Start 2500 MHz
Start 2500 MHz
Start 2500 MHz
Stop 3500 MHz
Stop 3500 MHz
Stop 3500 MHz
Stop 3500 MHz
Stop 3500 MHz


Similar Part No. - QB-962

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QB-963 APITECH-QB-963 Datasheet
40Kb / 1P
RF AMPLIFIER MODEL
QB-968 APITECH-QB-968 Datasheet
546Kb / 1P
RF AMPLIFIER MODEL
logo
API Delevan
QB-969 API-QB-969 Datasheet
34Kb / 1P
Microwave Amplifi er 500 MHz to 10 GHz Model QB-969
More results

Similar Description - QB-962

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com