| Electronic Components Datasheet Search |
|
58286 Datasheet(PDF) 6 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
58286 Datasheet(HTML) 6 Page - ITT Industries |
|
6 / 31 page ![]() KPT/KPSE Miniature circular connectors 6 Subject to changes KPSE High performance crimp contact connectors q High performance q Crimp termination q Closed entry socket contacts Series KPSE environmental, miniature circular, quick disconnect connectors are designed for the exacting requirements of today`s electronic industry. They are intermateable, intermountable and interchangeable with all connectors manufactured acc. to MIL-C-26482, LN 29500, VG 95328, NFC 93422 HE 301 and NFL 54125. Connectors of ITT Cannon series KPSE have obtained the VDE Expertise No. 63761. 4 Contact retaining clip is completely encased in a tough plastic wafer to protect the clip from damage. Complete moisture sealing is achieved by combining four seals: shell, peripheral, interfacial and wire seals. SHELL SEAL is effected when the plug shell pushes against the sealing ring in the receptacle when the connectors are mated. PERIPHERAL SEAL around the edge of the pin insulator is designed so that mating the connector puts tension on the seal and greatly reduces compression set. INTERFACIAL SEAL is achieved by the insulator faces meeting when the plug and receptacle are mated. WIRE SEAL is accomplished by a multiple ripple design, exceeding the wire sealing requirements of MIL-C-26482. 5 Positive insert-to-shell mechanical retention with hard plastic wafer firmly locked into a groove in the shell, in addition to a strong adhesive bond between the insert and shell. 1 Standard MIL-C-26482 or NFL 54 125 Hardware mates with any connector designed to MIL-C-26 482, LN 29500 or NF L 54 125 or NF C 93 422, HE 301 model 2 Crimp, snap-in contacts are designed to MIL-C-23216 and can be crimped with the standard M22520/1 crimp tool. CLOSED-ENTRY SOCKET CONTACTS eliminate damage from abuse by test probes and help to correct any misaligned pins during engagement. CONTACT INSERTION is accomplished from the rear of the connector. When the contact is fully inserted, the clip tines snap securely behind the contact shoulder. CONTACT EXTRACTION is accomplished with a front-inserted extraction tool. Pressing the tool plunger pushes the contact out through the rear of the connector. 3 Monobloc insulator does not leave any access to moisture and avoids interfacial empty space. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |