Electronic Components Datasheet Search
  English  ▼

X  

AT45DB011 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT45DB011
Description  1-Megabit 2.7-volt Only Serial DataFlash
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT45DB011 Datasheet HTML 11Page - ATMEL Corporation AT45DB011 Datasheet HTML 12Page - ATMEL Corporation AT45DB011 Datasheet HTML 13Page - ATMEL Corporation AT45DB011 Datasheet HTML 14Page - ATMEL Corporation AT45DB011 Datasheet HTML 15Page - ATMEL Corporation AT45DB011 Datasheet HTML 16Page - ATMEL Corporation AT45DB011 Datasheet HTML 17Page - ATMEL Corporation AT45DB011 Datasheet HTML 18Page - ATMEL Corporation AT45DB011 Datasheet HTML 19Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
AT45DB011
19
Packaging Information
32J, 32-Lead, Plastic J-Leaded Chip Carrier (PLCC)
Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-016 AE
.045(1.14) X 45°
PIN NO. 1
IDENTIFY
.025(.635) X 30° - 45°
.012(.305)
.008(.203)
.021(.533)
.013(.330)
.530(13.5)
.490(12.4)
.030(.762)
.015(3.81)
.095(2.41)
.060(1.52)
.140(3.56)
.120(3.05)
.032(.813)
.026(.660)
.050(1.27) TYP
.553(14.0)
.547(13.9)
.595(15.1)
.585(14.9)
.300(7.62) REF
.430(10.9)
.390(9.90)
AT CONTACT
POINTS
.022(.559) X 45° MAX (3X)
.453(11.5)
.447(11.4)
.495(12.6)
.485(12.3)
8S2, 8-Lead, 0.210" Wide, Plastic Gull Wing Small
Outline (EIAJ SOIC)
Dimensions in Inches and (Millimeters)
.020 (.508)
.012 (.305)
.213 (5.41)
.205 (5.21)
.330 (8.38)
.300 (7.62)
PIN 1
.050 (1.27) BSC
.212 (5.38)
.203 (5.16)
.080 (2.03)
.070 (1.78)
.013 (.330)
.004 (.102)
0
8
REF
.010 (.254)
.007 (.178)
.035 (.889)
.020 (.508)
14X, 14-Lead, 0.170" Wide, Thin Shrink Small
Outline Package (TSSOP)
Dimensions in Millimeters and (Inches)*
*Controlling dimension: millimeters
5.10 (.201)
4.90 (.193)
1.20 (.047) MAX
.650 (.026) BSC
0.20 (.008)
0.09 (.004)
0.15 (.006)
0.05 (.002)
INDEX MARK
6.50 (.256)
6.25 (.246)
SEATING
PLANE
4.50 (.177)
4.30 (.169)
PIN
1
0.75 (.030)
0.45 (.018)
0
8
REF
0.30 (.012)
0.19 (.007)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com