Electronic Components Datasheet Search
  English  ▼

X  

BCP54-10 Datasheet(PDF) 2 Page - EPCOS

Part # BCP54-10
Description  45 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BCP54-10 Datasheet(HTML) 2 Page - EPCOS

  BCP54-10 Datasheet HTML 1Page - EPCOS BCP54-10 Datasheet HTML 2Page - EPCOS BCP54-10 Datasheet HTML 3Page - EPCOS BCP54-10 Datasheet HTML 4Page - EPCOS BCP54-10 Datasheet HTML 5Page - EPCOS BCP54-10 Datasheet HTML 6Page - EPCOS BCP54-10 Datasheet HTML 7Page - EPCOS BCP54-10 Datasheet HTML 8Page - EPCOS BCP54-10 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
10
04/00
1.3
Switch-mode power supplies, DC/DC converters
Inductive components are used for magnetic energy storage in all kinds of switch-mode power sup-
plies and DC/DC converters. For example, the SIMID 1812 product range is used in low-power step-
up converters in automobile electronics and in battery-powered equipment. They can be subjected
for short periods to currents which are the quadruple of their current rating without any saturation
effects occurring.
1.4
EMC applications
For broadband interference suppression, current-compensated chokes with ring cores or D cores
and powder core chokes are especially suitable.
Apart from use as filters in mains and other power supply lines, such chokes are important for data
lines as used in telecommunications engineering, e. g. in NTBAs (Network Termination Basic Ac-
cess Units, ISDN), in line cards in telephone exchanges (ISDN and analog) and in the fast-expand-
ing CAN bus application field (CAN = Controller Area Network) in automotive electronics.
Almost all the component families are approved in accordance with the main international stan-
dards. All chokes for low-frequency mains networks are dimensioned and tested in compliance with
the applicable EN and IEC standards.
Inductive components with particularly good RF characteristics are achieved by the use of ungapped
cores. The manufacturing methods developed by EPCOS lead to good reproducibility of the attenua-
tion characteristics and enable the production of high-quality components at a favorable price.
The company’s many years of experience guarantee that customers quickly and economically ob-
tain just the right solutions to their EMC problems. Our own EMC laboratory in Regensburg or one
of our European EMC partner laboratories is at your disposal at all times to help with professional
advice and in carrying out measurements (also refer to the chapter on “Services”).
1.4.1
Propagation of interference
Interference voltages and currents can be grouped into common-mode interference, differential-
mode interference and unsymmetrical interference:
s
Common-mode interference (asymmetrical interference):
– occurs between all lines in a cable and reference potential (fig. 1a),
– occurs mainly at high frequencies (from approximately 1 MHz upwards).
s
Differential-mode interference (symmetrical interference):
– occurs between two lines (L-L, L-N) (fig. 1b),
– occurs mainly at low frequencies (up to several hundred kHz).
SSB1465-P
asymmetrische
Ausbreitung
symmetrische
Ausbreitung
unsymmetrische
Ausbreitung
as
U
s
U
us1
U
us2
U
1a
1b
1c
Fig. 1
Propagation modes
asymmetrical
propagation
symmetrical
propagation
unsymmetrical
propagation
SSB1465-P
U = V = voltage
General Technical Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com