Electronic Components Datasheet Search
  English  ▼

X  

LP3879 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP3879
Description  LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3879 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3879 Datasheet HTML 4Page - Texas Instruments LP3879 Datasheet HTML 5Page - Texas Instruments LP3879 Datasheet HTML 6Page - Texas Instruments LP3879 Datasheet HTML 7Page - Texas Instruments LP3879 Datasheet HTML 8Page - Texas Instruments LP3879 Datasheet HTML 9Page - Texas Instruments LP3879 Datasheet HTML 10Page - Texas Instruments LP3879 Datasheet HTML 11Page - Texas Instruments LP3879 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
+
-
2
7
8
5
4
1
6
3
Error
Amp
LP3879-X.X
BYPASS
N/C
GROUND
INPUT
SENSE
OUTPUT
N/C
SHUTDOWN
+
1.23V
LP3879
SNVS396B – MAY 2006 – REVISED APRIL 2013
www.ti.com
Block Diagram
APPLICATION INFORMATION
PACKAGE INFORMATION
The LP3879 is offered in the 8-lead SO PowerPad or WSON surface mount packages to allow for increased
power dissipation compared to the SO-8 and Mini SO-8.
EXTERNAL CAPACITORS
Like any low-dropout regulator, the LP3879 requires external capacitors for regulator stability. These capacitors
must be correctly selected for good performance.
INPUT CAPACITOR: A capacitor whose value is at least 4.7 µF (±20%) is required between the LP3879 input
and ground. A good quality X5R / X7R ceramic capacitor should be used.
Capacitor tolerance and temperature variation must be considered when selecting a capacitor (see Capacitor
Characteristics section) to assure the minimum requirement of input capacitance is met over all operating
conditions.
The input capacitor must be located not more than 0.5" from the input pin and returned to a clean analog ground.
Any good quality ceramic or tantalum capacitor may be used, assuming the minimum input capacitance
requirement is met.
OUTPUT CAPACITOR: The LP3879 requires a ceramic output capacitor whose size is at least 10 µF (±20%). A
good quality X5R / X7R ceramic capacitor should be used. Capacitance tolerance and temperature
characteristics must be considered when selecting an output capacitor.
The LP3879 is designed specifically to work with ceramic output capacitors, utilizing circuitry which allows the
regulator to be stable across the entire range of output current with an ultra low ESR output capacitor.
The output capacitor selected must meet the requirement for minimum amount of capacitance and also have an
ESR (equivalent series resistance) value which is within the stable range. A curve is provided which shows the
stable ESR range as a function of load current (see Figure 19).
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3879



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com