Electronic Components Datasheet Search
  English  ▼

X  

LP38693 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP38693
Description  LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38693 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP38693 Datasheet HTML 3Page - Texas Instruments LP38693 Datasheet HTML 4Page - Texas Instruments LP38693 Datasheet HTML 5Page - Texas Instruments LP38693 Datasheet HTML 6Page - Texas Instruments LP38693 Datasheet HTML 7Page - Texas Instruments LP38693 Datasheet HTML 8Page - Texas Instruments LP38693 Datasheet HTML 9Page - Texas Instruments LP38693 Datasheet HTML 10Page - Texas Instruments LP38693 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
10
100
1k
10k
100k
0
10
20
30
40
50
60
FREQUENCY (Hz)
COUT = 100 PF
VIN(DC) = 5.3V
VIN(AC) = 1V(p-p)
VOUT = 3.3V
10
100
1k
10k
100k
0
10
20
30
40
50
60
FREQUENCY (Hz)
COUT = 1 PF
VIN(DC) = 5.3V
VIN(AC) = 1V(p-p)
VOUT = 3.3V
10
100
1k
10k
100k
0
10
20
30
40
50
60
FREQUENCY (Hz)
COUT = 10 PF
VIN(DC) = 5.3V
VIN(AC) = 1V(p-p)
VOUT = 3.3V
LP38691, LP38693
www.ti.com
SNVS321K – JANUARY 2005 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified: TJ = 25°C, CIN = COUT = 10 µF, Enable pin is tied to VIN (LP38693 only), VOUT = 1.8V, VIN = VOUT
+1V, IL = 10mA.
Noise vs Frequency
Noise vs Frequency
Figure 9.
Figure 10.
Noise vs Frequency
Ripple Rejection
Figure 11.
Figure 12.
Ripple Rejection
Ripple Rejection
Figure 13.
Figure 14.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP38691 LP38693



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com