Electronic Components Datasheet Search
  English  ▼

X  

TPPM0302 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPPM0302
Description  400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPPM0302 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPPM0302 Datasheet HTML 5Page - Texas Instruments TPPM0302 Datasheet HTML 6Page - Texas Instruments TPPM0302 Datasheet HTML 7Page - Texas Instruments TPPM0302 Datasheet HTML 8Page - Texas Instruments TPPM0302 Datasheet HTML 9Page - Texas Instruments TPPM0302 Datasheet HTML 10Page - Texas Instruments TPPM0302 Datasheet HTML 11Page - Texas Instruments TPPM0302 Datasheet HTML 12Page - Texas Instruments TPPM0302 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TPPM0302
400-mA LOW-DROPOUT REGULATOR
WITH AUXILIARY POWER MANAGEMENT AND POK
SLVS316 – NOVEMBER 2000
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
packaging
To maximize the efficiency of this package for application on a single layer or multilayer PCB, certain guidelines
must be followed.
The following information is to be used as a guideline only. For further information, refer to the PowerPAD
concept implementation document.
multilayer PCB
Guidelines for mounting the PowerPAD IC on a multilayer PCB with a ground plane.
Solid Pad (Land Pattern)
Package Thermal Pad
Thermal Vias
Via = 0,33 mm Diameter,
Minimum Pitch Between
Vias is 1,52 mm
Package Outline
Figure 13. Package and Land Configuration for a Multilayer PCB
4
Plane
0,18 mm
(Square)
Package Solder Pad
Component Traces
Thermal Via
Thermal Isolation
Power Plane Only
Package Solder Pad
(Bottom Trace)
2
Plane
1,5748 mm
1,5038 – 1,5748 mm
Component Trace
(2 oz. Cu)
1,0142 – 1,0502 mm
Ground Plane
(1 oz. Cu)
0,5246 – 0,5606 mm
Power Plane
(1 oz. Cu)
0 – 0,071 mm
Board Base and
Bottom Pad
Figure 14. Multilayer Board (Side View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com