Electronic Components Datasheet Search
  English  ▼

X  

S8GC Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S8GC
Description  Surface Mount Glass Passivated Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S8GC Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S8GC Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S8GC Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S8GC Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
- Low forward voltage drop
- Ideal for automated placement
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
SYMBOL
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
CJ
PF
RθJA
OC/W
TJ
OC
TSTG
OC
Document Number:1307006
Version:A13
Note 3: Mount on Cu pad size 16mm x 16mm on PCB
400
600
800
1000
Peak forward surge current
8.3 ms single half sine-wave
TJ =25℃
TJ =125℃
200
170
400
600
800
1000
280
420
560
700
S8GC
S8JC
S8KC
S8MC
Peak forward surge current
1.0 ms single half sine-wave
TJ =25℃
IFSM
600
TJ =125℃
338
48
- 55 to + 150
Weight:
0.27 gram (approximately)
DO-214AB(SMC)
Case:
DO-214AB(SMC)
Maximum average forward rectified current
PARAMETER
0.985
10
250
Polarity:
Indicated by cathode band
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free, RoHS compliant
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25℃ unless otherwise noted)
A
- 55 to + 150
S8GC thru S8MC
Surface Mount Glass Passivated Rectifier
Taiwan Semiconductor
MECHANICAL DATA
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
- Moisture sensitivity: level 1, per J-STD-020
FEATURES
8
Note 1:Pulse test with PW=300u sec, 1% duty cycle
Operating junction temperature range
Storage temperature range
μA
Maximum reverse current @ rated VR TA=25 ℃
TA=125 ℃
Typical thermal resistance (Note 3)
IR
VF
Typical Junction Capacitance (Note 2)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
V
A
Maximum instantaneous forward voltage (Note 1)
IF= 8 A
44
IFSM
Note 2: Measured at 1.0MHz and applied reverse voltage of 4.0V DC


Similar Part No. - S8GC

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S8GC TSC-S8GC Datasheet
232Kb / 4P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Taiwan Memory Technolog...
S8GC TMT-S8GC Datasheet
184Kb / 4P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Shenzhen Luguang Electr...
S8GC LUGUANG-S8GC Datasheet
498Kb / 2P
Reverse Voltage :50 to 1000 Volts
logo
Taiwan Semiconductor Co...
S8GC-T TSC-S8GC-T Datasheet
290Kb / 5P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S8GCH TSC-S8GCH Datasheet
429Kb / 5P
8A, 400V - 1000V Surface Mount Rectifier
More results

Similar Description - S8GC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GF1A VISHAY-GF1A_11 Datasheet
81Kb / 4P
Surface Mount Glass Passivated Rectifier
15-Mar-11
logo
Tiger Electronic Co.,Lt...
S1A TGS-S1A Datasheet
51Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
S2A KISEMICONDUCTOR-S2A Datasheet
5Mb / 2P
Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
Surface Mount Glass Passivated Rectifier
11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
logo
Jinan Jingheng (Group) ...
LL4001G JINANJINGHENG-LL4001G Datasheet
72Kb / 2P
Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
S8CG VISHAY-S8CG Datasheet
101Kb / 4P
Surface-Mount Glass Passivated Rectifier
26-Feb-2020
S5A-M3 VISHAY-S5A-M3 Datasheet
91Kb / 4P
Surface Mount Glass Passivated Rectifier
31-Jul-2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com