Electronic Components Datasheet Search
  English  ▼

X  

TS4K40 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS4K40
Description  Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4K40 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS4K40 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4K40 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4K40 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Min
Max
Min
Max
A
24.70
25.30
0.972
0.996
B
2.00
2.30
0.079
0.091
C
0.90
1.10
0.035
0.043
D
7.30
7.70
0.287
0.303
E
3.00
5.00
0.118
0.197
F
14.70
15.30
0.579
0.602
G
3.30
3.70
0.130
0.146
H
17.00
18.00
0.669
0.709
I
4.40
4.80
0.173
0.189
J
3.40
3.80
0.134
0.150
K
9.30
9.60
0.366
0.378
L
3.10
3.60
0.122
0.142
M
3.10
3.40
0.122
0.134
N
0.50
0.70
0.020
0.028
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number:DS_D1311036
Version:D13
MARKING DIAGRAM
TS4K40 thru TS4K80
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit(mm)
Unit(inch)
0
50
100
150
200
250
300
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com