Electronic Components Datasheet Search
  English  ▼

X  

TS4K60 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS4K60
Description  Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4K60 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS4K60 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4K60 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4K60 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PART NO.
PART NO.
TS4K80
TS4K80
(TA=25℃ unless otherwise noted)
Document Number:DS_D1311036
Version:D13
TS4K80 D3G
D3
G
Green compound
RATINGS AND CHARACTERISTICS CURVES
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
TS4K80 D3
D3
Note 1: "xx" defines voltage from 400V (TS4K40) to 800V (TS4K80)
EXAMPLE
TS4Kxx
(Note 1)
D3
Suffix "G"
TS4K
25 / TUBE
X2
TS4K
Forming
TS4K40 thru TS4K80
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE GREEN COMPOUND
CODE
PACKAGE
PACKING
0
1
2
3
4
5
0
50
100
150
CASE TEMPERATURE (oC)
FIG.1- MAXIMUM FORWARD CURRENT
DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
WITH HEATSINK
0
25
50
75
100
125
150
175
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3mS Single Half Sine Wave
JEDEC Method
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
0.1
1
10
100
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
INSTANTANEOUS FORWARD VOLTAGE (V)
FIG. 4- TYPICAL FORWARD CHARACTERISTICS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com