Electronic Components Datasheet Search
  English  ▼

X  

TS4K80 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS4K80
Description  Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4K80 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS4K80 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4K80 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4K80 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
- UL Recognized File # E-326243
- Glass passivated junction
- Ideal for printed circuit board
- Typical IR less than 0.1uA
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
SYMBOL
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
I
2TA2sec
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number:DS_D1311036
Version:D13
TS4K40 thru TS4K80
Taiwan Semiconductor
Glass Passivated Bridge Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
TS4K
MECHANICAL DATA
Case:
TS4K
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free, RoHS compliant
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
Polarity:
Polarity as marked on the body
Mounting torque:
8.17 in-lbs maximum
Weight:
4 gram (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
TS4K40
TS4K60
TS4K80
Maximum repetitive peak reverse voltage
400
600
800
Maximum RMS voltage
280
420
560
Maximum DC blocking voltage
400
600
800
Maximum average forward rectified current
4
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
120
A
Rating for fusing (t<8.3mS)
60
Maximum instantaneous forward voltage
IF= 2 A
(Note 1)
IF= 4 A
VF
1.0
1.1
V
Maximum DC reverse current
TJ=25 ℃
at rated DC blocking voltage
TJ=125℃
IR
10
500
uA
Note 1:Pulse test with PW=300u sec, 1% duty cycle
Typical thermal resistance
5.5
Operating junction temperature range
- 55 to + 150
Storage temperature range
- 55 to + 150


Similar Part No. - TS4K80

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4K80 TSC-TS4K80 Datasheet
203Kb / 4P
4A, 400V - 800V Glass Passivated Bridge Rectifiers
TS4K80-A TSC-TS4K80-A Datasheet
462Kb / 5P
4A, 400V - 800V Glass Passivated Bridge Rectifier
More results

Similar Description - TS4K80

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB30A BYTESONIC-MB30A Datasheet
298Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/5/7
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
GBP005 HY-GBP005_V01 Datasheet
491Kb / 3P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com