Electronic Components Datasheet Search
  English  ▼

X  

AT49BV080T Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT49BV080T
Description  8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV080T Datasheet(HTML) 3 Page - ATMEL Corporation

  AT49BV080T Datasheet HTML 1Page - ATMEL Corporation AT49BV080T Datasheet HTML 2Page - ATMEL Corporation AT49BV080T Datasheet HTML 3Page - ATMEL Corporation AT49BV080T Datasheet HTML 4Page - ATMEL Corporation AT49BV080T Datasheet HTML 5Page - ATMEL Corporation AT49BV080T Datasheet HTML 6Page - ATMEL Corporation AT49BV080T Datasheet HTML 7Page - ATMEL Corporation AT49BV080T Datasheet HTML 8Page - ATMEL Corporation AT49BV080T Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
be performed. Please refer to the Command Definitions
table.
BOOT BLOCK LOCKOUT DETECTION: A software
method is available to determine if programming of the
boot block section is locked out. When the device is in the
software product identification mode (see Software Prod-
uct Identification Entry and Exit sections) a read from ad-
dress location 00002H will show if programming the boot
block is locked out. If the data on I/O0 is low, the boot
block can be programmed; if the data on I/O0 is high, the
program lockout feature has been activated and the block
cannot be programmed. The software product identifica-
tion exit code should be used to return to standard opera-
tion.
BOOT BLOCK PROGRAMMING LOCKOUT OVER-
RIDE: The user can override the boot block programming
lockout by taking the RESET pin to 12 + 0.5 volts. By doing
this, protected boot block data can be altered through a
chip erase, or byte programming. When the RESET pin is
brought back to TTL levels the boot block programming
lockout feature is again active.
PRODUCT IDENTIFICATION: The product identification
mode identifies the device and manufacturer as Atmel. It
may be accessed by hardware or software operation. The
hardware operation mode can be used by an external pro-
grammer to identify the correct programming algorithm for
the Atmel product.
For details, see Operating Modes (for hardware operation)
or Software Product Identification. The manufacturer and
device code is the same for both modes.
DATA POLLING: The AT49BV/LV080 features DATA
polling to indicate the end of a program cycle. During a
program cycle an attempted read of the last byte loaded
will result in the complement of the loaded data on I/O7.
Once the program cycle has been completed, true data is
valid on all outputs and the next cycle may begin. DATA
polling may begin at any time during the program cycle.
TOGGLE BIT: In ad di ti on t o DATA po ll in g, t h e
AT49BV/LV080 provides another method for determining
the end of a program or erase cycle. During a program or
erase operation, successive attempts to read data from
the device will result in I/O6 toggling between one and
zero. Once the program cycle has completed, I/O6 will
stop toggling and valid data will be read. Examining the
toggle bit may begin at any time during a program cycle.
RDY/BUSY: An open drain READY/BUSY output pin pro-
vides another method of detecting the end of a program or
erase operation. RDY/BUSY is actively pulled low during
the internal program and erase cycles and is released at
the completion of the cycle. The open drain connection al-
lows for OR - tying of several devices to the same
RDY/BUSY line.
RESET: A RESET input pin is provided to ease some
system applications. When RESET is at a logic high level,
the device is in its standard operating mode. A low level on
the RESET input halts the present device operation and
puts the outputs of the device in a high impedance state.
If the RESET pin makes a high to low transition during a
program or erase operation, the operation may not be suc-
cessfully completed, and the operation will have to be re-
peated after a high level is applied to the RESET pin.
When a high level is reasserted on the RESET pin, the
device returns to the read or standby mode, depending
upon the state of the control inputs. By applying a 12V +
0.5V input signal to the RESET pin the boot block array
can be reprogrammed even if the boot block lockout fea-
ture has been enabled (see Boot Block Programming
Lockout Override section).
HARDWARE DATA PROTECTION: Hardware features
pr otect ag ai nst i n a d ve r t e n t p r og r a m s t o th e
AT49BV/LV080 in the following ways: (a) VCC sense: if
VCC is below 1.8V (typical), the program function is inhib-
ited. (b) Program inhibit: holding any one of OE low, CE
high or WE high inhibits program cycles. (c) Noise filter:
pulses of less than 15 ns (typical) on the WE or CE inputs
will not initiate a program cycle.
Device Operation (Continued)
AT49BV/LV080
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com