Electronic Components Datasheet Search
  English  ▼

X  

AT49F001 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT49F001
Description  1-Megabit 128K x 8 5-volt Only Flash Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F001 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT49F001 Datasheet HTML 8Page - ATMEL Corporation AT49F001 Datasheet HTML 9Page - ATMEL Corporation AT49F001 Datasheet HTML 10Page - ATMEL Corporation AT49F001 Datasheet HTML 11Page - ATMEL Corporation AT49F001 Datasheet HTML 12Page - ATMEL Corporation AT49F001 Datasheet HTML 13Page - ATMEL Corporation AT49F001 Datasheet HTML 14Page - ATMEL Corporation AT49F001 Datasheet HTML 15Page - ATMEL Corporation AT49F001 Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AT49F001(N)(T)
13
AT49F001N Ordering Information
t
ACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
55
50
0.1
AT49F001N-55JC
AT49F001N-55PC
AT49F001N-55TC
AT49F001N-55VC
32J
32P6
32T
32V
Commercial
(0
° to 70°C)
50
0.3
AT49F001N-55JI
AT49F001N-55PI
AT49F001N-55TI
AT49F001N-55VI
32J
32P6
32T
32V
Industrial
(-40
° to 85°C)
70
50
0.1
AT49F001N-70JC
AT49F001N-70PC
AT49F001N-70TC
AT49F001N-70VC
32J
32P6
32T
32V
Commercial
(0
° to 70°C)
50
0.3
AT49F001N-70JI
AT49F001N-70PI
AT49F001N-70TI
AT49F001N-70VI
32J
32P6
32T
32V
Industrial
(-40
° to 85°C)
90
50
0.1
AT49F001N-90JC
AT49F001N-90PC
AT49F001N-90TC
AT49F001N-90VC
32J
32P6
32T
32V
Commercial
(0
° to 70°C)
50
0.3
AT49F001N-90JI
AT49F001N-90PI
AT49F001N-90TI
AT49F001N-90VI
32J
32P6
32T
32V
Industrial
(-40
° to 85°C)
120
50
0.1
AT49F001N-12JC
AT49F001N-12PC
AT49F001N-12TC
AT49F001N-12VC
32J
32P6
32T
32V
Commercial
(0
° to 70°C)
50
0.3
AT49F001N-12JI
AT49F001N-12PI
AT49F001N-12TI
AT49F001N-12VI
32J
32P6
32T
32V
Industrial
(-40
° to 85°C)
Package Type
32J
32-Lead, Plastic, J-Leaded Chip Carrier Package (PLCC)
32P6
32-Lead, 0.600" Wide, Plastic Dual In-line Package (PDIP)
32T
32-Lead, Plastic Thin Small Outline Package (TSOP)
32V
32-Lead, Plastic Thin Small Outline Package (TSOP) (8 x 14 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com