Electronic Components Datasheet Search
  English  ▼

X  

PTB Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PTB
Description  Panel Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTB Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PTB Datasheet HTML 1Page - Bourns Electronic Solutions PTB Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Headquarters Riverside CA
www.bourns.com
page 1 of 2
CASRN: CAS Registry Number® is a Registered Trademark of the American Chemical Society
MATERIAL DECLARATION SHEET
Material Number
PTB
Product Line
Panel Controls
Compliance Date
Since Inception
RoHS Compliant
Yes
MSL
N/A
No.
Construction
Element (subpart)
Homogeneous
Material
Material
weight [g]
Homogeneous Material/
Substances
CASRN
if applicable
Materials
Mass %
Material
Mass % of
total unit wt.
Subpart
mass of
total wt. (%)
Iron
7439-89-6
67.92
34.133
Nickel
7740-02-0
10
5.029
Chromium
7740-47-3
1
0.5029
Tin
7440-31-5
0.01
0.005
Silicon
7740-21-3
2
1.005
Manganese
7439-96-5
1.52
0.762
1
Case
Tinplate
7.598
Carbon
7440-44-0
19.5
9.811
50.31
Polycarbonate
45.42
6.123
Zinc
7440-66-6
0.09
0.013
2
Lever
Iron
Polycarbonate
2.038
Iron
7439-89-6
54.5
7.351
13.50
Copper
7440-50-8
94.15
0.137
Nickel
7440-02-0
8.25
0.012
3
Wiper
Copper Alloy
0.022
Phosphorus
7723-14-0
0.69
0.001
0.15
Silica Fused
60676-86-0
30.95
4.878
Epoxy, Cresol Novolac
39690-82-2
9.49
1.495
Phenol Novolac
9003-35-4
3.13
0.494
Carbon
7440-44-0
0.73
0.115
4
resistance Board
Bakelite
2.383
Silver
7440-22-4
0.54
0.085
13.89


Similar Part No. - PTB

ManufacturerPart #DatasheetDescription
logo
Amphenol Aerospace Oper...
PTB AAO-PTB Datasheet
29Kb / 1P
thru bulkhead receptacle
logo
Bourns Electronic Solut...
PTB BOURNS-PTB Datasheet
320Kb / 2P
Low Profi le Slide Potentiometer
2011/65/EU June 8, 2011.
logo
Advanced Thermal Soluti...
PTB-1000 ATS-PTB-1000 Datasheet
513Kb / 1P
DIFFERENTIAL PRESSURE TRANSDUCER BOARD FOR HIGHLY ACCURATE MEASUREMENTS WITHIN ELECTRONIC SYSTEMS
R2_0215
logo
Comus International
PTB-130 COMUS-PTB-130 Datasheet
385Kb / 1P
Proximity Switch - Reed Switch based
logo
Insel Rectifier India P...
PTB-450 IRI-PTB-450 Datasheet
287Kb / 2P
THREE PHASE BRIDGE RECTIFIERS
More results

Similar Description - PTB

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
GF201 TOCOS-GF201 Datasheet
555Kb / 3P
20mm Diameter, Single-Turn, Cermet Industrial Panel Controls
LRA25 TOCOS-LRA25 Datasheet
583Kb / 2P
25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA25 TOCOS-RA25 Datasheet
552Kb / 4P
25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA30 TOCOS-RA30 Datasheet
727Kb / 5P
30mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
logo
Bourns Electronic Solut...
PTE BOURNS-PTE Datasheet
38Kb / 3P
Panel Controls
PDV BOURNS-PDV Datasheet
31Kb / 2P
Panel Controls
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com