Electronic Components Datasheet Search
  English  ▼

X  

AT49F040 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT49F040
Description  4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F040 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT49F040 Datasheet HTML 2Page - ATMEL Corporation AT49F040 Datasheet HTML 3Page - ATMEL Corporation AT49F040 Datasheet HTML 4Page - ATMEL Corporation AT49F040 Datasheet HTML 5Page - ATMEL Corporation AT49F040 Datasheet HTML 6Page - ATMEL Corporation AT49F040 Datasheet HTML 7Page - ATMEL Corporation AT49F040 Datasheet HTML 8Page - ATMEL Corporation AT49F040 Datasheet HTML 9Page - ATMEL Corporation AT49F040 Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AC Byte Load Characteristics
Symbol
Parameter
Min
Max
Units
tAS, tOES
Address, OE Set-up Time
0
ns
tAH
Address Hold Time
50
ns
tCS
Chip Select Set-up Time
0
ns
tCH
Chip Select Hold Time
0
ns
tWP
Write Pulse Width (WE or CE)
90
ns
tDS
Data Set-up Time
50
ns
tDH, tOEH
Data, OE Hold Time
0
ns
tWPH
Write Pulse Width High
90
ns
AC Byte Load Waveforms
WE Controlled
CE Controlled
4-214
AT49F040



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com