Electronic Components Datasheet Search
  English  ▼

X  

PDV Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PDV
Description  Panel Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDV Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PDV Datasheet HTML 1Page - Bourns Electronic Solutions PDV Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Headquarters Riverside CA
www.bourns.com
page 1 of 2
CASRN: CAS Registry Number® is a Registered Trademark of the American Chemical Society
MATERIAL DECLARATION SHEET
Material Number
PDV
Product Line
Panel Controls
Compliance Date
Since Inception
RoHS Compliant
Yes
MSL
N/A
No.
Construction
Element (subpart)
Homogeneous
Material
Material
weight [g]
Homogeneous Material/
Substances
CASRN
if applicable
Materials
Mass %
Material
Mass % of
total unit wt.
Subpart
mass of
total wt. (%)
1
Lever
Polycarbonate
0.224
Polycarbonate
100
18.56
18.56
Copper
7440-50-8
91.45
2.576
nickel
7440-02-0
8.02
0.226
2
Wiper
Copper Alloy
0.034
Phosphorus
7723-14-0
0.67
0.019
2.82
Iron
7439-89-6
99.4
26.683
Copper
7440-50-8
0.38
0.101
3
Terminal
Metal Alloy
0.324
Tin
7440-31-5
0.25
0.067
26.84
Silica Fused
60676-86-0
35.28
18.226
Epoxy, Cresol Novolac
39690-82-2
12.3
6.37
Carbon
7440-44-0
0.22
0.115
Ag
7440-22-4
0.16
0.085
Phenol Novolac
9003-35-4
4.19
2.168
Antimony Trioxide
1309-64-4
0.35
0.1824
4
Resistance Board
Bakelite
0.625
Brominated Epoxy Black
40039-93-8
47.41
24.55
51.78
Total weight
1.207


Similar Part No. - PDV

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
PDV-01-10 WABASH-PDV-01-10 Datasheet
678Kb / 2P
Small Size Power Transformer
PDV-01-120 WABASH-PDV-01-120 Datasheet
678Kb / 2P
Small Size Power Transformer
PDV-01-126 WABASH-PDV-01-126 Datasheet
678Kb / 2P
Small Size Power Transformer
PDV-01-16 WABASH-PDV-01-16 Datasheet
678Kb / 2P
Small Size Power Transformer
PDV-01-20 WABASH-PDV-01-20 Datasheet
678Kb / 2P
Small Size Power Transformer
More results

Similar Description - PDV

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
GF201 TOCOS-GF201 Datasheet
555Kb / 3P
20mm Diameter, Single-Turn, Cermet Industrial Panel Controls
LRA25 TOCOS-LRA25 Datasheet
583Kb / 2P
25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA25 TOCOS-RA25 Datasheet
552Kb / 4P
25mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RA30 TOCOS-RA30 Datasheet
727Kb / 5P
30mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
RV12 TOCOS-RV12 Datasheet
564Kb / 3P
12mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20 TOCOS-RV20 Datasheet
526Kb / 3P
20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N2 TOCOS-RV20N2 Datasheet
461Kb / 2P
20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV30 TOCOS-RV30 Datasheet
683Kb / 5P
30mm Diameter, Single-Turn, Carbon Industrial Panel Controls
logo
Bourns Electronic Solut...
PTE BOURNS-PTE Datasheet
38Kb / 3P
Panel Controls
PTB BOURNS-PTB Datasheet
36Kb / 2P
Panel Controls
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com