Electronic Components Datasheet Search
  English  ▼

X  

AT49F080T Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT49F080T
Description  8-Megabit 1M x 8 5-volt Only Flash Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F080T Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT49F080T Datasheet HTML 4Page - ATMEL Corporation AT49F080T Datasheet HTML 5Page - ATMEL Corporation AT49F080T Datasheet HTML 6Page - ATMEL Corporation AT49F080T Datasheet HTML 7Page - ATMEL Corporation AT49F080T Datasheet HTML 8Page - ATMEL Corporation AT49F080T Datasheet HTML 9Page - ATMEL Corporation AT49F080T Datasheet HTML 10Page - ATMEL Corporation AT49F080T Datasheet HTML 11Page - ATMEL Corporation AT49F080T Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AT49F080/080T
12
Ordering Information
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
90
50
0.1
AT49F080T-90CC
AT49F080T-90RC
AT49F080T-90TC
42C2
44R
40T
Commercial
(0
° to 70°C)
50
0.3
AT49F080T-90CI
AT49F080T-90RI
AT49F080T-90TI
42C2
44R
40T
Industrial
(-40
° to 85°C)
120
50
0.1
AT49F080T-12CC
AT49F080T-12RC
AT49F080T-12TC
42C2
44R
40T
Commercial
(0
° to 70°C)
50
0.3
AT49F080T-12CI
AT49F080T-12RI
AT49F080T-12TI
42C2
44R
40T
Industrial
(-40
° to 85°C)
150
50
0.1
AT49F080T-15CC
AT49F080T-15RC
AT49F080T-15TC
42C2
44R
40T
Commercial
(0
° to 70°C)
50
0.3
AT49F080T-15CI
AT49F080T-15RI
AT49F080T-15TI
42C2
44R
40T
Industrial
(-40
° to 85°C)
Pakage Type
42C2
42-Ball, Plastic Chip-Size Ball Grid Array Package (CBGA) 8 x 14 mm
44R
44-Lead, 0.525" Wide, Plastic Gull Wing Small Outline Package (SOIC/SOP)
40T
40-Lead, Thin Small Outline Package (TSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com