Electronic Components Datasheet Search
  English  ▼

X  

E-TDA2003V Datasheet(PDF) 6 Page - STMicroelectronics

Part # E-TDA2003V
Description  10W CAR RADIO AUDIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TDA2003V Datasheet(HTML) 6 Page - STMicroelectronics

Back Button E-TDA2003V Datasheet HTML 2Page - STMicroelectronics E-TDA2003V Datasheet HTML 3Page - STMicroelectronics E-TDA2003V Datasheet HTML 4Page - STMicroelectronics E-TDA2003V Datasheet HTML 5Page - STMicroelectronics E-TDA2003V Datasheet HTML 6Page - STMicroelectronics E-TDA2003V Datasheet HTML 7Page - STMicroelectronics E-TDA2003V Datasheet HTML 8Page - STMicroelectronics E-TDA2003V Datasheet HTML 9Page - STMicroelectronics E-TDA2003V Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6/10
Figure 13. Maximum power
dissipation vs. supply voltage
(sine wave operation)
Figure 14. Maximum allowable
power dissipation vs. ambient
temperature
Figure 15. Typical values of
capacitor (CX) for different
values of frequency reponse
(B)
Figure 16. Typical application
circuit
Figure 17. P.C. board and component layout for the circuit of
fig. 16 (1 : 1 scale)
APPLICATION INFORMATION
BUILT-IN PROTECTION SYSTEMS
Load dump voltage surge
The TDA 2003 has a circuit which enables it to
withstand a voltage pulse train, on pin 5, of the type
shown in fig. 19.
If the supply voltage peaks to more than 40V, then
an LC filter must be inserted between the supply
and pin 5, in order to assure that the pulses at pin
5 will be held within the limits shown in fig. 18.
A suggested LC network is shown in fig. 19. With
this network, a train of pulses with amplitude up to
120V and width of 2 ms can be applied at point A.
This type of protection is ON when the supply
voltage (pulsed or DC) exceeds 18V. For this reason
the maximum operating supply voltage is 18V.
TDA2003



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com