Electronic Components Datasheet Search
  English  ▼

X  

L2720W Datasheet(PDF) 6 Page - STMicroelectronics

Part # L2720W
Description  Low drop dual power operational amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2720W Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L2720W Datasheet HTML 2Page - STMicroelectronics L2720W Datasheet HTML 3Page - STMicroelectronics L2720W Datasheet HTML 4Page - STMicroelectronics L2720W Datasheet HTML 5Page - STMicroelectronics L2720W Datasheet HTML 6Page - STMicroelectronics L2720W Datasheet HTML 7Page - STMicroelectronics L2720W Datasheet HTML 8Page - STMicroelectronics L2720W Datasheet HTML 9Page - STMicroelectronics L2720W Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical specifications
L2720W
6/12
Doc ID 13407 Rev 2
3.5
Characterization curves
Figure 4.
Quiescent current vs supply current
Figure 5.
Open loop gain vs frequency
IN
Input noise current
B = 22 Hz to 22 kHz,
Tamb = 25 °C
-200
-pA
φm
Phase margin
RL = 2 kΩ, CL = 100 pF,
Tamb = 25 °C
-65
-
°C
Am
Gain margin
RL = 2 kΩ, CL = 100 pF,
Tamb = 25 °C
-15
-
dB
Table 6.
Electrical characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com