Electronic Components Datasheet Search
  English  ▼

X  

TS19376 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS19376
Description  1A Step-down High Brightness LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19376 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19376 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19376 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19376 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19376 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19376 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19376 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19376 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19376 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS19376
1A Step-down High Brightness LED Driver
3/8
Version: A12
Block Diagram
V25
GATE
DRIVER
Driver
+
-
+
-
DIM
BUFFER
VIN
CSN
DIM
2.5V
UVLO
COMPARATOR
CS
COMPARATOR
GND
SW
70µ
130mV
Pin Function Description:
Pin
Name
Description
1
SW
Switch Output. SW is the output of the internal driver switch.
2
GND
Signal and power ground. Connect directly to ground plane.
3
DIM
Logic level dimming input. Drive DIM low to turn off the current regulator.
Drive DIM high to enable the current regulator.
4
CSN
Current sense input
5
VIN
Input Supply Pin. Must be locally bypassed.
Typical Application Circuit
ILED =
A
325
.
0
4
.
0
130
.
0
R
V
S
CSN
=
=



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com