Electronic Components Datasheet Search
  English  ▼

X  

TS19378 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS19378
Description  2A Buck (Step-down) WLED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19378 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19378 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19378 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19378 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19378 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19378 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19378 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19378 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS19378
2A Buck (Step-down) WLED Driver
3/7
Version: A13
Typical Application Circuit
A: Normal Application Circuit
C1
33uH
L1
R5
0.6Ω
VIN
D1
B340
C5
0.1uF
OVP
4
3
VGATE
1
VCC
8
VSS
2
COMP
7
FB
6
SW
5
AX2005/A
C6
0.1uF
C2
0.1uF
R1
C3
1uF
R4
R3
8.2K
LED-1
220uF
EN/SS
U1
ILED
R2
C7
15n
100Ω
D2
DIODE
Dimming
100Hz-50KHz
C4
470uF
LED-N
VOUT
VFB = 0.2V
ILED = VFB/R5
VOVP (OVP) = 0.85× (1+
)
R4
R1
20K
COUT ESR Range
R2
C7
30~80mΩ
470R
10nF
80~300mΩ
100R
15nF
B: AC Input Application Circuit 9Inverting)
C1
33uH
L1
R5
0.6Ω
D1
B340
C5
0.1uF
OVP
4
3
VGATE
1
VCC
8
VSS
2
COMP
7
FB
6
SW
5
AX2005/A
C6
0.1uF
C2
0.1uF
R1
C3
1uF
R4
R3
8.2K
LED-1
220uF
EN/SS
U1
R2
C7
33nF
560Ω
AC adapter
VOUT
LED-2
LED-3
LED-4
ILED
Bridge rectifier
VFB = 0.2V
ILED = VFB/R5
VOVP (OVP) = 0.85× (1+
)
R4
R1
20K
C4
100uF
ILED
R5
C1
L1
350mA
0.57Ω
70mW
100uF
33uH
750mA
0.266Ω
150mW
220uF
1000mA
0.2Ω
200mW
330uF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com