Electronic Components Datasheet Search
  English  ▼

X  

TS19702 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS19702
Description  High Power Factor Corrector LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19702 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS19702 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19702 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19702 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19702 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19702 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19702 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19702 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19702 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19702 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TS19702
High Power Factor Corrector LED Driver
4/9
Version: A12
Application Circuit
Application Information
Start-up Current
The typical start-up current is around 8uA. Very low start-up current allows the PWM controller to increase the
value of start-up resistor and then reduce the power dissipation on it.
UVLO (Under Voltage Lockout)
A hysteresis UVLO comparator is implemented in TS19702, then the turn-on and turn-off thresholds level are fixed
at 15V and 8V respectively. This hysteresis shown in Fig.11 ensures that the start-up capacitor will be adequate to
supply the chip during start-up. For quickly startup the LED driver, the start-up resistor should be matched with the
startup capacitor. Due to the low UVLO on level, so the turn-on delay time will also never greater than the general
PWM IC.
Oscillator
The maximum duty-cycle of internal oscillator is up to 90% for driving high LED voltage string. The frequency of the
oscillator is fixed to 45KHz by internal setting.
LEB (Leading-Edge Blanking)
Each time the power MOSFET is switched on, a turn-on spike will inevitably occur at the sense resistor. To avoid
fault trigger, a 410ns leading-edge blanking time is built in. Conventional RC filtering can therefore be omitted.
During this blanking period, the current-limit comparator is disabled and can not switch off the gate driver.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com