Electronic Components Datasheet Search
  English  ▼

X  

TSF2080C Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSF2080C
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF2080C Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSF2080C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF2080C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF2080C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
creat by ART
- Patented Trench MOS Barrier Schottky technology
- Excellent high temperature stability
- Low forward voltage
- Lower power loss/ High efficiency
- High forward surge capability
SYMBOL
UNIT
VRRM
V
IRRM
A
EAS
mJ
dV/dt
V/μs
VAC
V
VBR
V
IF = 5A
IF = 10A
IF = 5A
IF = 10A
TJ = 25°C
μA
TJ = 125°C
mA
RθJC
OC/W
TJ
OC
TSTG
OC
Note 1: 2.0μs Pulse width, f=1.0KHz
Document Number: DS_D1309047
Version:B13
Taiwan Semiconductor
TSF2080C
Non-repetitive avalanche energy at L=60mH, per diode
80
A
Polarity:
As marked
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS(T
A=25
oC unless otherwise noted)
FEATURES
Maximum repetitive peak reverse voltage
Note 3: Mount on heatsink size of 4in x 6in x 0.25in Al-plate
5
IR
0.77
TJ = 25°C
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
80
-
-
-
-
-
- 55 to + 150
Isolation voltage from terminal to heatsink t = 1 min
- 55 to + 150
Typical thermal resistance (Note 3)
Instantaneous reverse current per diode at rated
reverse voltage
Peak repetitive reverse surge current (Note 1)
0.5
VF
1500
Voltage rate of change (Rated VR)
Molding compound meets UL 94 V-0 flammability rating
Maximum average forward rectified
current
MECHANICAL DATA
Mounting torque:
5 in-lbs. max.
110
Note 2: Pulse test with pulse width=300μs, 1% duty cycle
Operating junction temperature range
Storage temperature range
- Halogen-free according to IEC 61249-2-21 definition
20
TSF2080C
A
10
PARAMETER
per diode
- Compliant to RoHS directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
per device
Case:
ITO-220AB
MIN.
0.70
VF
0.67
Terminal:
Matte tin plated leads, solderable per
JESD 22-B102
Weight:
1.7 grams
IF(AV)
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load per diode
10000
100
TJ = 125°C
0.62
V
-
-
IFSM
TYP.
0.52
Breakdown voltage ( IR =1.0mA )
Instantaneous forward voltage
per diode ( Note2 )
ITO-220AB
600
-10
20
-20
0.48
-
MAX.


Similar Part No. - TSF2080C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSF20 ETC1-TSF20 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
Taiwan Semiconductor Co...
TSF20102C TSC-TSF20102C Datasheet
288Kb / 6P
20A, 100V Trench Schottky Rectifier
Version: A2405
TSF20122C TSC-TSF20122C Datasheet
289Kb / 6P
20A, 120V Trench Schottky Rectifier
Version: A2405
logo
MORNSUN Science& Techno...
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
Switch Output isolation safety barrier
logo
Taiwan Semiconductor Co...
TSF20H100C TSC-TSF20H100C Datasheet
212Kb / 3P
Trench MOS Barrier Schottky Rectifier
More results

Similar Description - TSF2080C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30200C VISHAY-V30200C_09 Datasheet
160Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
V40100C VISHAY-V40100C_11 Datasheet
140Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
V40100G VISHAY-V40100G_11 Datasheet
131Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
V40150C VISHAY-V40150C_09 Datasheet
162Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
V50100PW VISHAY-V50100PW Datasheet
84Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
24-Feb-10
VF30120C VISHAY-VF30120C_10 Datasheet
78Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
10-Nov-10
VF40150C VISHAY-VF40150C_10 Datasheet
79Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
10-Nov-10
V30100PW-M3 VISHAY-V30100PW-M3 Datasheet
77Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
09-Feb-10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com