Electronic Components Datasheet Search
  English  ▼

X  

73086 Datasheet(PDF) 1 Page - 3M Electronics

Part # 73086
Description  Terminal Jacks, Male Threads 6-32, 8-32, 10-32, Female Threads 10-32
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

73086 Datasheet(HTML) 1 Page - 3M Electronics

  73086 Datasheet HTML 1Page - 3M Electronics 73086 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA:
Sales: 800-490-2361
Technical Support: technicalsupport@pomonatest.com
Fax: 425-446-5844
Europe: 31-(0) 40 2675 150
International: 425-446-5500
Where to Buy: www.pomonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks are
the property of their respective companies.
Copyright © 2009
D2019030 Rev. 003
Page 1 of 2
Model 73084, 73085, 73086, 73088
Terminal Jacks, Male Threads 6-32, 8-32, 10-32, Female Threads 10-32
Features
•
Adapter provides an easy and quick banana jack
connection by replacing the screw in a terminal strip
or control panel.
•
Allows a standard sheathed or unsheathed banana
plug / patch cord to securely connect to a terminal
strip.
•
Helps to avoid accidental arc-over by eliminating the
usage of alligator clips, or test probe “slip offs”
during measurement applications.
•
Perfect for use with model 73087 jumper test lead
sets in peer-checking system test sequences.
•
For more information, please visit our “Articles”
section on nuclear applications at
www.pomonaelectronics.com.
Materials
Banana Jack:
Nickel-plated Brass
Insulation:
Polypropylene V-2
Specifications
Voltage:
600 Vrms, Maximum voltage for hands free use.
For CE compliance, do not hold in hand when voltages exceed 33 Vrms / 70 Vdc
Current:
20 A
Operating Temperature:
-10º C to +80º C (+14º F to 176º F)
Torque In/Lb.:
73084:
7
73085:
20
73086:
20
73088:
16
Dimensions
Model 73086, 10-32 Female Terminal Jack


Similar Part No. - 73086

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73086 POMONA-73086 Datasheet
131Kb / 2P
Terminal Jacks, Male Threads 6-32, 8-32, 10-32, Female Threads 10-32
More results

Similar Description - 73086

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73084 POMONA-73084 Datasheet
131Kb / 2P
Terminal Jacks, Male Threads 6-32, 8-32, 10-32, Female Threads 10-32
logo
New Jersey Semi-Conduct...
1N5827 NJSEMI-1N5827 Datasheet
354Kb / 1P
10-32 UNF3A threads
1N5828 NJSEMI-1N5828 Datasheet
354Kb / 1P
10-32 UNF3A threads
logo
ORION FANS
OCN ORIONFANS-OCN Datasheet
191Kb / 1P
Orion Cage Nuts m6, 10-32, or 12-24 threads
logo
Pasternack Enterprises,...
PE9750 PASTERNACK-PE9750 Datasheet
242Kb / 2P
10-32 Female to BNC Male Adapter
PE9756 PASTERNACK-PE9756 Datasheet
253Kb / 2P
10-32 Female to 10-32 Female Adapter
PE9757 PASTERNACK-PE9757 Datasheet
254Kb / 2P
Bulkhead 10-32 Female to 10-32 Female Adapter
PE36520 PASTERNACK-PE36520 Datasheet
109Kb / 1P
CABLE ASSEMBLY RG174A/U 10-32 MALE TO 10-32 MALE
PE36522 PASTERNACK-PE36522 Datasheet
273Kb / 1P
CABLE ASSEMBLY, RG178B/U, 10-32 MALE TO 10-32 MALE
PE36524 PASTERNACK-PE36524 Datasheet
272Kb / 1P
CABLE ASSEMBLY, RG316/U, 10-32 MALE TO 10-32 MALE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com