Electronic Components Datasheet Search
  English  ▼

X  

AT5FC256 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT5FC256
Description  256K byte Flash Memory PCMCIA Card
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT5FC256 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT5FC256 Datasheet HTML 2Page - ATMEL Corporation AT5FC256 Datasheet HTML 3Page - ATMEL Corporation AT5FC256 Datasheet HTML 4Page - ATMEL Corporation AT5FC256 Datasheet HTML 5Page - ATMEL Corporation AT5FC256 Datasheet HTML 6Page - ATMEL Corporation AT5FC256 Datasheet HTML 7Page - ATMEL Corporation AT5FC256 Datasheet HTML 8Page - ATMEL Corporation AT5FC256 Datasheet HTML 9Page - ATMEL Corporation AT5FC256 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Read Enable/Output Disable
Data outputs from the card are disabled when OE is at a
logic-high level. Under this condition, outputs are in the
high-impedance state. The A17 selects the paired mem-
ory chip segments, while A0 decides the upper or lower
bank. The CE1/CE2 pins determine either byte or word
mode operation. The Output Enable (OE) is forced low to
activate all outputs of the memory chip segments. The on-
card I/O transceiver is set in the output mode. The
AT5FC256 sends data to the host. Refer to AC Read
Waveforms drawing.
Standby Operations
When both CE1 an d CE2 are at logic-high level, the
AT5FC256 is in Standby mode; i.e., all memory chip seg-
ments as well as the decoder/transceiver are completely
de-selected at minimum power consumption. Even in the
byte-mode read operation, only one memory chip seg-
ment (even or odd) is active at any time. The other mem-
ory chip segment remains in standby. In the word-mode
two memory chip segments are in active.
Write Operations
The AT5FC256 is written on a sector basis. Each sector of
256 bytes can be selected randomly and written inde-
pendently without any prior erase cycle. A8 to A17 specify
the sector address. Within each sector, the individual byte
address is latched on the falling edge of CE or WE, which-
ever occurs last. The data is latched by the first rising edge
of CE or WE. Each byte pair to be programmed must have
its high-to-low transition on WE (or CE) within 150
µs of
the low-to- high transition of WE (or CE) of the preceding
byte pair. If a high-to-low transition is not detected within
150
µs of the last low-to-high transition, the data load pe-
riod will end and the internal programming period will start.
All the bytes of a sector are simultaneously programmed
during the internal programming period. A maximum write
time of 10 ms per sector is self-controlled by the Flash
devices. Refer to AC Write Waveforms drawings.
Write Protection
The AT5FC256 has five types of write protection. The
PCMCIA/JEIDA socket itself provides the first type of write
protection. Power supply and control pins have specific
pin lengths in order to protect the card with proper power
supply sequencing in the case of hot insertion and re-
moval.
A mechanical write protection switch provides a second
type of write protection. When this switch is activated, WE
is internally forced high. The Flash memory arrays are
therefore write-disabled.
The third type of write protection is achieved with the built-
in low VCC sensing circuit within each Flash device. If the
external VCC is below 3.8V (typical), the write function is
inhibited.
The fourth type of write protection is a noise filter circuit
within each Flash device. Any pulse of less than 15 ns
(typical) on the WE, CE1 or CE2 inputs will not initiate a
program cycle.
The last type of write protection is based on the Software
Data Protection (SDP) scheme of the AT29C010A de-
vices. Each of the sixteen devices needs to enable and
disable the SDP individually. Refer to the Software Data
Protected Programming/Disable Algorithm tables for
descriptions of enable and disable SDP operations.
Card Detection
Each CD (output) pin should be read by the host system
to determine if the memory card is properly seated in the
socket. CD1 and CD2 are internally tied to the ground. If
both bits are not detected, the system should indicate that
the card must be re-inserted.
CIS Data
The Card Information Structure (CIS) describes the capa-
bilities and specifications of a card. The CIS of the
AT5FC256 can be written either by the OEM or by Atmel
at the attribute memory space beginning at address
00000H by using a format utility. The AT5FC256 contains
a separate 2K byte EEPROM memory for the card’s attrib-
ute memory space. The attribute is active when the REG
pin is driven low. D0-D7 are active during attribute mem-
ory access. D8-D15 should be ignored. Odd order bytes
present invalid data. Refer to the Attribute Memory
Operations table.
Memory Card Operations (Continued)
6
AT5FC256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com