Electronic Components Datasheet Search
  English  ▼

X  

744324100 Datasheet(PDF) 21 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744324100
Description  Terminal Block WR-TBL
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744324100 Datasheet(HTML) 21 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 744324100 Datasheet HTML 17Page - Wurth Elektronik GmbH & Co. KG, Germany. 744324100 Datasheet HTML 18Page - Wurth Elektronik GmbH & Co. KG, Germany. 744324100 Datasheet HTML 19Page - Wurth Elektronik GmbH & Co. KG, Germany. 744324100 Datasheet HTML 20Page - Wurth Elektronik GmbH & Co. KG, Germany. 744324100 Datasheet HTML 21Page - Wurth Elektronik GmbH & Co. KG, Germany. 744324100 Datasheet HTML 22Page - Wurth Elektronik GmbH & Co. KG, Germany. 744324100 Datasheet HTML 23Page - Wurth Elektronik GmbH & Co. KG, Germany. 744324100 Datasheet HTML 24Page - Wurth Elektronik GmbH & Co. KG, Germany. 744324100 Datasheet HTML 25Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
14
www.we-online.com
14-21
09/08
MATERIAL
• Insulator material:
PA 66
• Flammability rating:
UL94-V0
• Colour:
Grey
• Metal housing:
Brass (CuZn)
• Terminal screw:
Steel Zinc plating “-” slot type
• Contacts:
Brass
• Surface of solder tail plating:
Tin
ENVIRONMENTAL
• Operating temperature:
–40 °C up to 105 °C
• Compliance:
Lead free & RoHS
• Safety approval:
See table
SOLDERING
• Solder temperature:
JEDEC lead free wave soldering
ELECTRICAL
cULus
• Current rating:
57A
• Working voltage:
300Vac
• Withstanding voltage:
1.6kV
• Contact resistance:
20 mOhm max
MECHANICAL
• Solid wire:
22 - 8AWG / 0.30 - 8.5mm²
• Stranded wire:
22 - 8AWG / 0.30 - 8.5mm²
• Torque:
19Lb-In / 2.15Nm
• Wire strip length
10 - 11mm
• Screw:
M4.5
• Pitch:
10.16mm
PACKAGING
• Box
Note: Other pin number are available, based on combinations
of 2 & 3pins, but they are not kept in stock and are subject to
MOQ
Serie 2196 - 10.16mm Horizontal Entry Modular with
Rising Cage Clamp - 8.5mm² Wires WR-TBL
Stackable
NEW
Order Code
Pins
AWG
Approval Certification
691 219 610 002
2
See Mechanical characteristics
691 219 610 003
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com