Electronic Components Datasheet Search
  English  ▼

X  

INA2133U/2K5 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA2133U/2K5
Description  High-Speed, Precision DIFFERENCE AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA2133U/2K5 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA2133U/2K5 Datasheet HTML 9Page - Texas Instruments INA2133U/2K5 Datasheet HTML 10Page - Texas Instruments INA2133U/2K5 Datasheet HTML 11Page - Texas Instruments INA2133U/2K5 Datasheet HTML 12Page - Texas Instruments INA2133U/2K5 Datasheet HTML 13Page - Texas Instruments INA2133U/2K5 Datasheet HTML 14Page - Texas Instruments INA2133U/2K5 Datasheet HTML 15Page - Texas Instruments INA2133U/2K5 Datasheet HTML 16Page - Texas Instruments INA2133U/2K5 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
®
INA133, INA2133
FIGURE 15. Precision Voltage-to-Current Converter with
Differential Inputs.
5
6
3
INA133
2
1
V
1
V
2
Load
I
O = (V1 – V2) (1/25k + 1/R)
I
O
R
R
5
6
3
INA133
2
1
V
3
V
2
Load
I
O = (V3 – V2)/R
I
O
R
OPA131
FIGURE 16. Differential Input Voltage-to-Current Con-
verter for Low IOUT.
5
6
3
INA133
2
1
V
3
V
2
Load
I
O
R
R
Gate can be
+V
S –5V
I
O = (V3 – V2) (1/25k + 1/R)
R
< 200Ω
12
13
3
1/2 INA2133
2
V
01
14
10
9
5
1/2 INA2133
A
B
6
V
01 – V02 = 2 (V2 – V1)
V
02
8
V
2
V
1
5
6
3
INA133
2
1
V
3
V
2
Load
I
O
R
Gate can be
+V
CC –5V
I
O =
(V
3 – V2)
R
(R
≥ 200Ω)
FIGURE 17. Isolating Current Source.
FIGURE 18. Differential Output Difference Amplifier.
FIGURE 19. Isolating Current Source with Buffering Am-
plifier for Greater Accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com