Electronic Components Datasheet Search
  English  ▼

X  

DAC8412AT Datasheet(PDF) 12 Page - Analog Devices

Part # DAC8412AT
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8412AT Datasheet(HTML) 12 Page - Analog Devices

Back Button DAC8412AT Datasheet HTML 8Page - Analog Devices DAC8412AT Datasheet HTML 9Page - Analog Devices DAC8412AT Datasheet HTML 10Page - Analog Devices DAC8412AT Datasheet HTML 11Page - Analog Devices DAC8412AT Datasheet HTML 12Page - Analog Devices DAC8412AT Datasheet HTML 13Page - Analog Devices DAC8412AT Datasheet HTML 14Page - Analog Devices DAC8412AT Datasheet HTML 15Page - Analog Devices DAC8412AT Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
DAC8412/DAC8413
Data Sheet
Rev. G | Page 12 of 20
8
12
LOAD RESISTANCE (kΩ)
10
6
4
2
0
0.01
0.1
1
10
100
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = 25°C
Figure 28. Output Swing vs. Load Resistance
10M
10
100k
10k
1k
100
–10
0
–30
–50
–70
FREQUENCY (Hz)
1M
0
VDD = +15V
VSS = –15V
VREFH = 0 ±100mV
VREFL = –10V
DATA BITS = +5V
200mV p-p
Figure 29. Small Signal Response
TEMPERATURE (°C)
10
–10
150
–6
2
–2
6
75
0
VDD = +15V
VSS = –15V
IDD
ISS
–75
Figure 30. Power Supply Current vs. Temperature
10
100k
10k
1k
100
60
80
40
20
FREQUENCY (Hz)
1M
0
100
+PSRR:
VDD = +15V ±1Vp
VSS = –15V
–PSRR:
VDD = +15V
VSS = –15V ±1V
VREFH = +10V
ALL DATA 0
+PSRR
–PSRR
Figure 31. PSRR vs. Frequency
0.10
10
NOISE FREQUENCY (Hz)
1
0.01
0.001
1
10
100
1k
10k
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = 25°C
Figure 32. Noise Density vs. Noise Frequency
40
–40
25
–20
–30
–25
–20
0
–10
10
20
30
20
15
10
5
0
–5
–10
–15
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
TA = 25°C
DATA = 0x000
VOUT (V)
+ISC
–ISC
Figure 33. IOUT vs. VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com