Electronic Components Datasheet Search
  English  ▼

X  

49F1024 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # 49F1024
Description  1-Megabit 64K x 16 5-volt Only Flash Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

49F1024 Datasheet(HTML) 5 Page - ATMEL Corporation

  49F1024 Datasheet HTML 1Page - ATMEL Corporation 49F1024 Datasheet HTML 2Page - ATMEL Corporation 49F1024 Datasheet HTML 3Page - ATMEL Corporation 49F1024 Datasheet HTML 4Page - ATMEL Corporation 49F1024 Datasheet HTML 5Page - ATMEL Corporation 49F1024 Datasheet HTML 6Page - ATMEL Corporation 49F1024 Datasheet HTML 7Page - ATMEL Corporation 49F1024 Datasheet HTML 8Page - ATMEL Corporation 49F1024 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AT49F1024/1025
5
Notes:
1. X can be V
IL or VIH.
2. Refer to AC Programming Waveforms.
3. V
H = 12.0V ± 0.5V.
4. Manufacturer Code: 1FH, Device Code: 87H.
5. See details under Software Product Identification Entry/Exit.
Note:
1. In the erase mode, I
CC is 90 mA.
DCand AC Operating Range
AT49F1024/1025-45
AT49F1024/1025-55
AT49F1024/1025-70
AT49F1024/1025-90
Operating
Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
V
CC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
Operating Modes
Mode
CE
OE
WE
Ai
I/O
Read
VIL
VIL
VIH
Ai
DOUT
Program
(2)
V
IL
V
IH
V
IL
Ai
D
IN
Standby/Write Inhibit
V
IH
X
(1)
X
X
High Z
Program Inhibit
X
X
VIH
Program Inhibit
X
V
IL
X
Output Disable
X
V
IH
X
High Z
Product Identification
Hardware
V
IL
V
IL
V
IH
A1 - A15 = V
IL, A9 = VH,
(3)
A0 = V
IL
Manufacturer Code
(4)
A1 - A15 = VIL, A9 = VH,
(3)
A0 = V
IH
Device Code
(4)
Software
(5)
A0 = V
IL, A1 - A15 = VIL
Manufacturer Code
(4)
A0 = VIH, A1 - A15 = VIL
Device Code
(4)
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC
10
µA
ILO
Output Leakage Current
VI/O = 0V to VCC
10
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC
Com.
100
µA
Ind.
300
µA
I
SB2
V
CC Standby Current TTL
CE = 2.0V to V
CC
3mA
I
CC
(1)
V
CC Active Current
f = 5 MHz; I
OUT = 0 mA
50
mA
VIL
Input Low Voltage
0.8
V
V
IH
Input High Voltage
2.0
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.45
V
VOH1
Output High Voltage
IOH = -400 µA2.4
V
V
OH2
Output High Voltage CMOS
I
OH = -100 µA; VCC = 4.5V
4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com