Electronic Components Datasheet Search
  English  ▼

X  

AT88SC101 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT88SC101
Description  Smart Card ICs 1K E2PROM with Security Logic
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC101 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT88SC101 Datasheet HTML 3Page - ATMEL Corporation AT88SC101 Datasheet HTML 4Page - ATMEL Corporation AT88SC101 Datasheet HTML 5Page - ATMEL Corporation AT88SC101 Datasheet HTML 6Page - ATMEL Corporation AT88SC101 Datasheet HTML 7Page - ATMEL Corporation AT88SC101 Datasheet HTML 8Page - ATMEL Corporation AT88SC101 Datasheet HTML 9Page - ATMEL Corporation AT88SC101 Datasheet HTML 10Page - ATMEL Corporation AT88SC101 Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Figure 5. SC and EZ1/EZ2 Validation for AT88SC101/102
A) Compare sequence of the security code or the application zone erase key.
B) First bit which is at a logic 1, in the false attempts counter to validate SC, or in the recharge counter to validate EZ.
C) Program sequence attempts to write a 0 over the 1 currently at this address.
D) The chip outputs the new state of the bit. If a 0 has been successfully programmed, SC or EZ is set on the rising edge
of PGM. (Note: If CLK rises when PGM is low, the validation is aborted.)
E) This program sequence will erase either the false attempts counter or the application zone.
F) Chip outputs state of the current bit. If the erase was successful, the chip will output a 1 if the current bit is in the false
attempts counter. The chip will output a 0 if the current bit is in the recharge counter.
G) On the falling edge of clock, the address is incremented and the state of the next bit is output.
Note:
1. The address does not change from operations B to F.
AT88SC101/102
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com